Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM4022V20WS11 Fiches technique(PDF) 14 Page - EM Microelectronic - MARIN SA

No de pièce EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMMICRO [EM Microelectronic - MARIN SA]
Site Internet  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Fiches technique(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
EM4022
Chip and Packaging Information
Chip size is 57 x 69 mil
Pad Location
1
2
38
9
10
11
57
EM4 022
46
Fig. 16
Pad location table with reference on pad 3 center :
Pad N°
X [µm]
Y [µm]
size [µm]
Pad name
Function
1
0
417
98/98
XCLK
external test clock input
2
0
234
98/98
VDD
positive supply
3
0
0
98/98
M
connection to antenna
4
125
0
98/98
MTST
test output
5
228
0
175/98
COIL1
Coil terminal 1
6
1037
0
175/98
COIL2
Coil terminal 2
7
1200
-13
98/98
VSSTST
negative test supply output
8
1324
1
98/98
VSS
negative supply
9
1324
196
98/98
GAP
GAP input
10
1324
374
98/98
SI
Serial test data input (pull down)
11
1324
552
98/98
TMC
Test mode control (pull down)
Test inputs and outputs must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15