| Moteur de recherche de fiches techniques de composants électroniques |
|
CI201210-R27J Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CI201210-R27J Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 2 page ![]() Specifications are subject to change without notice. Bourns Part No. Inductance Q Test Freq. SRF MHz DCR I rms nH Tol.% min. L,Q MHz min. typ. ohm max. mA max. CI201210-1N0D 1.0 ±0.3nH 10 100 4000 12000 0.10 300 CI201210-1N2D 1.2 ±0.3nH 10 100 4000 10000 0.10 300 CI201210-1N5D 1.5 ±0.3nH 10 100 4000 10000 0.10 300 CI201210-1N8D 1.8 ±0.3nH 10 100 4000 8000 0.10 300 CI201210-2N2D 2.2 ±0.3nH 10 100 3800 8000 0.10 300 CI201210-2N7D 2.7 ±0.3nH 10 100 3600 6000 0.10 300 CI201210-3N3D 3.3 ±0.3nH 10 100 3400 6000 0.13 300 CI201210-3N9D 3.9 ±0.3nH 10 100 3200 5400 0.15 300 CI201210-4N7D 4.7 ±0.3nH 10 100 3000 4500 0.20 300 CI201210-5N6D 5.6 ±0.3nH 10 100 2800 4000 0.23 300 CI201210-6N8J 6.8 ±5 10 100 2600 3650 0.25 300 CI201210-8N2J 8.2 ±5 10 100 2200 3000 0.28 300 CI201210-10NJ 10 ±5 10 100 1800 2500 0.30 300 CI201210-12NJ 12 ±5 10 100 1650 2450 0.35 300 CI201210-15NJ 15 ±5 10 100 1350 2000 0.40 300 CI201210-18NJ 18 ±5 10 100 1350 1750 0.45 300 CI201210-22NJ 22 ±5 15 100 1100 1700 0.50 300 CI201210-27NJ 27 ±5 15 100 1100 1550 0.55 300 CI201210-33NJ 33 ±5 15 100 1000 1350 0.60 300 CI201210-39NJ 39 ±5 15 100 900 1300 0.65 300 CI201210-47NJ 47 ±5 15 100 850 1200 0.70 300 CI201210-56NJ 56 ±5 15 100 750 1150 0.75 300 CI201210-68NJ 68 ±5 15 100 400 1000 0.80 300 CI201210-82NJ 82 ±5 15 100 600 850 0.90 300 CI201210-R10J 100 ±5 15 100 500 730 1.00 300 CI201210-R12J 120 ±5 15 50 450 650 1.30 250 CI201210-R15J 150 ±5 15 50 400 550 1.50 250 CI201210-R18J 180 ±5 15 50 350 500 1.80 250 CI201210-R22J 220 ±5 10 50 330 450 2.00 250 CI201210-R27J 270 ±5 10 50 300 410 2.50 250 CI201210-R33J 330 ±5 10 50 270 370 3.00 250 CI201210-R39J 390 ±5 10 50 220 330 3.50 250 CI201210-R47J 470 ±5 10 50 180 280 4.00 250 9.0 (.354) 12.0 (.472) 2.0 ± 0.8 (.079 ± .031) 50.0 (1.969) 178.0 (7.00) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) Packaging Specifications CI201210 Series - Multi-Layer Chip Inductors Features I 0805 size I Available in E12 Series I High frequency I Nickel barrier Applications I Mobil phones I Cellular phones I CTV, VCR, HIC, FDD I Automotive electronics Electrical Specifications Product Dimensions Recommended Layout 2.0 ± 0.2 (.079 ± .008) .05 (.002) MAX. 1.0 ± 0.2 (.039 ± .008) 1.25 ± 0.2 (.049 ± .008) General Specifications Temperature Rise ....................20˚C max. at rated current Operating Temperature ..-55°C to +125°C Storage Temperature ....-55°C to +125°C Reflow Soldering.....230°C, 10 sec. max. Resistance to Soldering Heat ................................260˚C, 10 seconds Materials Base Material .............................Ceramic Terminal Electrode ...................Ag, Ni, Sn Packaging ..................3,000 pcs. per reel 1.8 (.071) REF. REF. 0.8 (.031) REF. 1.2 (.047) REF. 1.2 (.047) DIMENSIONS: MM (INCHES) |
Numéro de pièce similaire - CI201210-R27J |
|
Description similaire - CI201210-R27J |