Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDSP Fiches technique(PDF) 18 Page - Agilent(Hewlett-Packard)

No de pièce HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP Fiches technique(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HDSP Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 16Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 17Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 19Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 20Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
HDSP-751x
IV Bin Category
Min.
Max.
B
0.160
0.240
C
0.200
0.300
D
0.250
0.385
E
0.315
0.520
F
0.428
0.759
G
0.621
1.16
Intensity Bin Limits (mcd), continued
HER
HDSP-751x
IV Bin Category
Min.
Max.
B
0.240
0.366
C
0.300
0.477
D
0.391
0.650
E
0.532
0.923
F
0.755
1.39
G
1.13
2.08
H
1.70
3.14
HDSP-555x/K70x
IV Bin Category
Min.
Max.
A
0.270
0.400
B
0.325
0.500
C
0.415
0.690
D
0.565
0.990
E
0.810
1.50
F
1.20
2.20
G
1.80
3.30
H
2.73
5.00
I
4.09
7.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20