| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7321 Fiches technique(PDF) 79 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7321 Fiches technique(HTML) 79 Page - Analog Devices |
|
79 / 88 page ![]() ADV7320/ADV7321 Rev. 0 | Page 79 of 88 MODE 2—MASTER OPTION (TIMING REGISTER 0 TR0 = X X X X X 1 0 1) In this mode, the ADV7320/ADV7321 can generate horizontal and vertical sync signals. A coincident low transition of both HSYNC and VSYNC inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The BLANK signal is optional. When the BLANK input is disabled, the ADV7320/ADV7321 automatically blank all normally blank lines as per CCIR-624. HSYNC, BLANK, and VSYNC are output on S_HSYNC, S_BLANK, and S_VSYNC, respectively. Cb Y PIXEL DATA HSYNC BLANK VSYNC PAL = 12 × CLOCK/2 NTSC = 16 × CLOCK/2 PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 Y Cr Figure 118. SD Timing Mode 2 Even-to-Odd Field Transition Master/Slave Cb PIXEL DATA HSYNC BLANK VSYNC PAL = 12 × CLOCK/2 NTSC = 16 × CLOCK/2 PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 PAL = 864 × CLOCK/2 NTSC = 858 × CLOCK/2 Cb Y Y Cr Figure 119. SD Timing Mode 2 Odd-to-Even Field Transition |