| Moteur de recherche de fiches techniques de composants électroniques |
|
TSOP572.. Fiches technique(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TSOP572.. Fiches technique(HTML) 7 Page - Vishay Siliconix |
|
7 / 12 page ![]() TSOP572.., TSOP574.. www.vishay.com Vishay Semiconductors Datasheet Values Refer to PCN-OPT-1224-2022 Rev. 2.9, 24-Nov-2022 7 Document Number: 82434 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 PACKAGE DIMENSIONS in millimeters Notes (1) Optically effective area (2) Pins connected internally. It is not necessary to connect externally Drawing-No.: 6.550-5315.01-4 Issue: 2; 12.02.14 Not indicated tolerances ± 0.1 technical drawings according to DIN specifications Proposed pad layout from component side (dim. for reference only) (3.95) (0.35) (3) (4 x) 0.75± 0.05 4 x 0.75 = 3 0.35± 0.05 (8 x) 1.5 3 (0.3) 0.475 Pinning from topview 1 2 3 4 5 8 7 6 Pin 1 identification (2) (2) (2) (2) 3.95 (3.4) marking area Pin 1 Identification (1) |