Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APB Fiches technique(PDF) 4 Page - C&K Components

No de pièce APB
Description  Backlit Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

APB Fiches technique(HTML) 4 Page - C&K Components

  APB Datasheet HTML 1Page - C&K Components APB Datasheet HTML 2Page - C&K Components APB Datasheet HTML 3Page - C&K Components APB Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
A
0.56 REF
2 X ø 14.60
2 X ø 16.30
ø 17.00
ø 13.80
0.30
4X 0.13
4X R 0.13 REF
See Detail A
Detail A
Scale 15:1
A-117
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
ø17.25
0.77
13.82
LOCK WASHER
Part Number 647D00A47
15.90
2.40
ø15.90
REF
18.36
M13 X 1.25-6H
HEX NUT
Part number 515D00000
PANEL SEAL
Part Number 655D00000
APB Series
Backlit Pushbutton Switch
CAP SYMBOLS
-000
NO SYMBOL
-001
PLUS
-002
LOCKED
-003
ENGINE STOP
-004
PARK BRAKE
RELEASE
-005
ENGINE START
-006
FAST
-007
SLOW
-008
UNLOCKED
-009
ROCK SHAFT
LOWER
-010
MINUS
NOTES:
1. ALL GRAPHICS MUST BE POSITIONED AS SHOWN, PERPENDICULAR TO
ALIGNMENT FEATURE ON UNDERSIDE OF CAP.
2. GRAPHIC MARKING MUST BE ALIGNED WITH THE FLAT FEATURE ON THE
UNDERSIDE OF THE CAP AS SHOWN, TOLERANCE
3
B
A
PANEL CUTOUT
Panel Orientation
Flat indicates bottom
See chart on previous page
for dimensions
HARDWARE
Third Angle
Projection
28 Jul 21



Html Pages

1 2 3 4