| Moteur de recherche de fiches techniques de composants électroniques |
|
TP-UART Fiches technique(PDF) 21 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TP-UART Fiches technique(HTML) 21 Page - Siemens Semiconductor Group |
|
21 / 26 page ![]() TP-UART-IC The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25.15.10.41.33a 25.10.01 page 21 Attention: A received L_Data frame can follow the State-Indication without any delay. 3.2.3.2.3.3TP-UART-L_Data.confirm Service The L_DATA.confirm service is transmitted to the host controller if an acknowledge was received or the last repetition is transmitted and no acknowledge was received. TP-UART-Control Field 7 6 5 4 3 2 1 0 x 0 0 0 1 0 1 1 X = 1 à The transmission of the L_DATA frame was successful X = 0 à The transmission of the L_DATA frame was not successful |