| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7540B Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7540B Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 75 page ![]() Software specification TDA7540B 50/75 1 1 1 1 AC mute “OFF” 0 AC mute filter 110KHz 1 AC mute filter 100KHz Table 25. Addr 14 VCODIV/PLLREF MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 0 0 not valid (only for testing) 0 1 VCO frequency divided by 2 1 0 VCO frequency divided by 3 1 1 original VCO frequency 0 VCO” I” signal 0 degree 1 VCO “I” signal 180 degree 1 0 0 PLL reference frequency 50KHz 1 0 1 PLL reference frequency 25KHz 1 1 0 PLL reference frequency 10KHz 1 1 1 PLL reference frequency 9KHz 0 0 0 PLL reference frequency 2KHz 0 Select FM mode 1 Select AM mode 0 Select PLL low pass filter FM 1 Select PLL low pass filter AM Table 24. Addr 13 Softmute Control 2 (continued) MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 Table 26. Addr 15 FM AGC MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 0 0 RFAGC threshold V9-11TH= 85(77 ANT)dBµV 0 1 RFAGC threshold V9-11TH= 90(82 ANT)dBµV 1 0 RFAGC threshold V9-11TH= 94(86 ANT)dBµV 1 1 RFAGC threshold V9-11TH= 96(88 ANT)dBµV 0 0 IFAGC threshold V77TH= 86(60 ANT)dBµV 0 1 IFAGC threshold V77TH= 92(66 ANT)dBµV 1 0 IFAGC threshold V77TH= 96(70 ANT)dBµV 1 1 IFAGC threshold V77TH= 98(72 ANT)dBµV |