Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPA Fiches technique(PDF) 2 Page - C&K Components

No de pièce SPA
Description  Single In-line Package Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SPA Fiches technique(HTML) 2 Page - C&K Components

  SPA Datasheet HTML 1Page - C&K Components SPA Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 2 3 4 5 6 7 8 C
1.8
0.25
0.7
1
0.7
3.2±0.3
DIM "A"
0,2
SEE CHART
2.58 TYP
0.3 TYP
0.5 TYP
3.6±0.2
1.6±0.1
DIM "B"
SEE CHART
2.54 TYP
0.9±0.1
DIM "B"
SEE CHART
2.5 TYP
0.8 TYP
6.2±0.1
STANDARD MARKING
C
PCB MOUNTING FOOTPRINT
H
H–26
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
12
345678
.100
(2,54)
.035
(0,9)
.125
(3,2)
.244
(6,2)
.086
(2,2)
.083
(2,1)
.098
(2,5)
.268
(6,81)
DIM 'C'
.020
(0,5)
.065
(1,65)
.030
(0,75)
Ø.016
(0.4)
.200
(5,08) .236/.252
(6,0/6,4)
.181
(4,6)
.020 RAD.
(0,5)
.063
(1,6)
Ø.032 TYP.
(0,8)
DIM 'B'
DIM 'B'
DIM 'B'
DIM 'A'
.100
(2,54)
.100
(2,54)
.200
(5,08)
.020
SPA Series
Single In-line Package Switches
SPA08AB
1.8
0.25
0.7
1
0.7
3.2±0.3
DIM "A"
0,2
SEE CHART
2.58 TYP
0.3 TYP
0.5 TYP
3.6±0.2
1.6±0.1
DIM "B"
SEE CHART
2.54 TYP
0.9±0.1
DIM "B"
SEE CHART
2.5 TYP
0.8 TYP
6.2±0.1
STANDARD MARKING
C
PCB MOUNTING FOOTPRINT
ROHS
PART
NO.
QUANITY
NUMBER
POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
SPA02B
2
.342 (8,68)
.200 (5,08)
50
SPA04B
4
.542 (13,76)
.400 (10,16)
30
SPA06B
6
.742 (18,84)
.600 (15,24)
25
SPA08B
8
.942 (23,92)
.800 (20,32)
20
SPA10B
10
1.142 (29,00)
1.000 (25,40)
15
Schematic
SPST
SPA08B
Vertical
R
E
P
Y
T
Q
.
O
N
POS.
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
TUBE
2
.342 (8,68)
.200 (5,08)
.339 (8,6)50
4
.542 (13,76)
.400 (10,16)
.540 (13,7)
30
6
.742 (18,84)
.600 (15,24)
.736 (18,7)
25
8
.942 (23,92)
.800 (20,32)
.937 (23,8)20
10
1.142 (29,00)
1.000 (25,40)
1.138 (28,9)15
Schematic
SPST
1 2 3 4 5 6
8 C
SPA02AB
SPA04AB
SPA06AB
SPA08AB
SPA10AB
ROHS
PART #
26 Aug 20



Html Pages

1 2