Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS21 Fiches technique(PDF) 3 Page - Weitron Technology

No de pièce MS21
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MS21 Fiches technique(HTML) 3 Page - Weitron Technology

  MS21 Datasheet HTML 1Page - Weitron Technology MS21 Datasheet HTML 2Page - Weitron Technology MS21 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
WEITRON
1
10
100
100
80
60
40
20
0
NUMBER OF CYCLES AT 60HZ
FIG-5 Peak Forward Surge Current
MS20 thru MS22
http://www.weitron.com.tw
REVERSE VOLTAGE (Volts)
FIG-4 Typical Junction Capacitance
0.1
1
10
1000
100
10
f=1MHz
Tj=25 C
TJ=25 C
Pulse Width=300µs
0
0.2
0.4
0.6
0.8
10
1.0
0.1
0.01
INSTANTANEOUS FORWARD VOLTAGE (Volts)
FIG.2 Typical Forward Characteristics
MS20 Thru MS22
TJ=100 C
TJ=75 C
TJ=25 C
0
20
40
60
80
100
120
140
1k
100
10
1.0
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.3 Typical Reverse Characteristics
0
25
50
75
100
125
150
4
3
2
1
0
LEAD TEMPERATURE ( C)
FIG.1 Forward Current Derating Curve
3/3
18-Oct-05



Html Pages

1 2 3