| Moteur de recherche de fiches techniques de composants électroniques |
|
218-06LPSTJF Fiches technique(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
218-06LPSTJF Fiches technique(HTML) 2 Page - CTS Corporation |
|
2 / 2 page ![]() CTS SERIES 218 (P MEANS SECTION NO.) “A”OVERAL NO. OF S. W. DIMENSION SECTIONS 3.71 / .146 2 6.25 / .246 4 8.79 / .346 6 11.33 / .446 8 13.87 / .546 10 Part Number Code For Ordering Order Information 218 LP S T J XX: Number of Positions LP: Low Profile Actuator T: Top Tape Seal S: Bottom Epoxy Seal 218 – Gull Wing Leads 218 – “J” Leads Gull Wing Surface Mount Pad Layouts “J” Lead Surface Mount Pad Layouts CTS 218–XX Order From: CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 406 Parr Road / Berne, Indiana 46711 TEL: (260) 589-3111 / FAX: (260) 589-3243 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road / Kaohsiung Export Processing Zone / Kaohsiung, Taiwan 806, Rep. of China TEL: (07) 821-6145 / FAX: (07) 811-0040 July, 03 0.76 .030 6.60 .260 1.27 .050 0.51 .020 1.27 .050 2 4 6 8 10 5.8 .228 0.90 .035 3.20 ±0.15 .126 ±.006 0.18 ±0.1 .007 ±.004 2.65 MAX .104 MAX 6.05 .238 + .006 + 0.15 - .003 - 0.08 TRAVEL 0.6 .024 TYP. 0.45 ± 0.1 .018 ± 0.004 ON CTS 1.27 ± 0.1 .050 ± .004 TRAVEL 0.6 .024 TYP . 1.27 ±0.1 .050 ±.004 TYP. 0.45 ±0.1 .018 ±.004 ON CTS DIM "A" MOUNTING SURFACE DIM "A" MOUNTING SURFACE 5.8 .228 2.65 .104 MAX. .508 .020 8.44 .332 0.18 ±0.1 .007 ±.004 0.76 .030 8.89 .350 0.51 .020 1.27 .050 1.27 .050 DIME NS ION: MM INCH DIMENSION: MM INCH J: J Bend Terminal (optional) For J bend terminal or switch shipped in off position, add the letter “J” or “F” to part number (ie, 218-2LPSTJF). 12 16.41 / .646 12 XX F F: Off Position (optional) |