Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD4148 Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce MMBD4148
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD4148 Fiches technique(HTML) 2 Page - Weitron Technology

  MMBD4148 Datasheet HTML 1Page - Weitron Technology MMBD4148 Datasheet HTML 2Page - Weitron Technology MMBD4148 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD4148
WEITRON
WE IT R ON
Maximum Ratings
Rating
Symbol
Value
Unit
Reverse Voltage
Forward Current
Peak Forward Surge Current
VR
IF
IFM(Surge)
100
200
500
Vdc
mAdc
mAdc
Device Marking
Item
Marking
Eqivalent Circuitdiagram
MMBD4148
5D
1
3
Off Characteristics
Reverse Breakdown Votalge
(IR=100µAdc)
Forward Voltage(IF=10mAdc)
Reverse Voltage
Leakage Current
(VR=20Vdc)
(VR=75Vdc)
Revarse Recover Time
(IF=IR=10mAdc)
V(BR)
VF
IR
Diode Capacitance
(VR=0, f=1.0MHz)
CT
trr
100
1000
0.025
5.0
4.0
4.0
Vcc
mVdc
µAdc
F
ns
1. FR-5=1.0x0.75x0.062 in
2.Alumina=0.4x0.3x0.024 in. 99.5% alumina.
Electrical Characteristics (TA=25 C Unless Otherwise note)
Characterictics
Symbol
Max
Unit
Min
http://www.weitron.com.tw
T her mal C har acter istics
Characterictics
Symbol
Max
Unit
Total Device Dissipation FR-5
Board TA=25 C
Thermal Resistance, Junction
to Ambient
Junction and Storage
Temperature
PD
R JA
TJ, Tstg
556
-55 to + 150
mW
C/W
C
500
q
P



Html Pages

1 2 3