| Moteur de recherche de fiches techniques de composants électroniques |
|
TF Fiches technique(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TF Fiches technique(HTML) 5 Page - C&K Components |
|
5 / 6 page ![]() J J–10 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com HIGH FORCE, LOW MOTION PIVOT POSITION LOW FORCE, HIGH MOTION PIVOT POSITION NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions. Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18. Available with actuators A20, A25, T20, T23, T24, T25, T26, and T28. TF Series Mid Size Snap-acting Switches ACTUATOR .030 (0,51) .047 (1,19) .010 (0.25) .21 .35 .35 .53 1.23 1.97 3.88 61010153556 110 .53 .88 1.76 2.65 5.29 7.94 14.11 15 25 50 75 150 225 400 WP0 .235 (5,97) .500 (12,70) .100 (2,54) N/A .04 .04 .05 .12 .21 .39 11 1.5 3.5 611 N/A .14 .28 .42 .85 1.27 2.26 48 12 24 36 64 T26 .125 (3,18) .250 (6,35) .055 (1,40) .04 .07 .07 .07 .21 .35 .99 1222 61028 .18 .28 .53 .88 1.59 2.47 4.23 58 15 25 45 70 120 T25 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .21 .35 .71 1222 61020 .18 .28 .56 .85 1.69 2.65 4.41 58 16 24 48 75 125 T23 .060 (1,52) .140 (3,56) .030 (0,76) .21 .35 .35 .53 .71 1.98 3.88 61010152056 110 .53 .71 1.41 2.12 4.23 6 9.70 15 20 40 60 120 170 275 T20 NOTE: For basic switch operating forces, see page J-6. .155 (3,94) .300 (7,62) .062 (1,57) N/A .04 .04 .07 .18 .28 .56 1125 816 N/A .21 .42 .71 1.41 2.12 3.53 612204060100 T18 .125 (3,18) .250 (6,35) .045 (1,14) .04 .07 .07 .07 .28 .35.71 1222 81020 .18 .28 .53 .78 1.59 2.47 4.23 58 15 22 45 70 120 T16 .065 (1,65) .110 (2,79) .030 (0,76) .07 .14 .14 .18 .28 .63 2.82 2445 81880 .25 .42 1.06 1.41 2.82 4.41 7.94 712304080125 225 T15 .060 (1,52) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 244 5102080 .28 .42 1.23 1.76 3.17 4.76 7.94 812355090135 225 T14 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 244 5102080 .28 .42 1.06 1.59 34.597.94 812304585130 225 T13 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .71 1.98 3.88 61010152056 110 .63 1.06 2.29 3.17 6.35 7.94 14.11 18 30 65 90 180 225 400 T10 .050 (1,27) .047 (1,19) .010 (0,25) .21 .35 .35 .53 1.23 1.98 3.88 61010153556 110 .53 .88 1.76 2.65 5.29 7.94 14.11 15 25 50 75 150 225 400 P00 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .21 .35.71 1222 61020 .18 .28 56 85 1.69 2.65 4.41 58 16 24 48 75 125 A25 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 244 5102080 .28 .42 1.06 1.59 34.59 7.94 812304585 130 225 A15 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .71 1.98 3.88 61010152056 110 .63 1.06 2.29 3.17 6.35 7.94 14.11 18 30 65 90 180 225 400 A10 MINIMUM OVERTRAVEL ALLFORCES MAXIMUM PRETRAVEL ALLFORCES MAXIMUM DIFFERENTIAL TRAVEL ALLFORCES MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CC CD CF CG CJ EC EE (15) (25) (50) (75) (150) (225) (400) OPTION CODE SWITCH CHARACTERISTICS CC CD CF CG CJ EC EE (15) (25) (50) (75) (150) (225) (400) 23 35 12 20 40 15 20 40 60 120 170 275 A20 0.055 (1,40) 0.12 (3,05) 0.025 (0,64) 0.53 0.71 1.41 2.12 4.23 6 9.7 0.07 0.11 0.11 0.18 0.42 0.71 1.41 0.11 (2.79) 0.23 (5,84) .005 (1,27) T24 12 236 10 20 0.04 0.07 0.07 0.11 0.21 0.35 0.71 58 16 25 50 75 135 0.18 0.28 0.56 0.88 1.76 2.65 4.76 0.285 (7,24) .0.560 (14.22) 0.12 (3,05) T28 13 59 N/A 0.04 0.11 0.18 0.32 N/AN/A 12 20 30 55 N/A 0.42 0.71 1.06 1.94 N/AN/A |