| Moteur de recherche de fiches techniques de composants électroniques |
|
SD Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
SD Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() H H–15 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com TAPE & REEL PACKAGING – SURFACE MOUNT OPTIONS ONLY SD Series Low Profile DIP Switches FEED DIRECTION DIM ‘D’ SEE CHART DIM ‘C’ SEE CHART DIM ‘G’ SEE CHART .069 (1,75) DIM ‘P’ SEE CHART .061 DIA (1,55) DIM ‘B’ SEE CHART .079 (2,00) .057 (4,00) DIM ‘A’ SEE CHART ELONGATED HOLES ON SD07-SD12 ONLY SWITCH NO. DIM ’A’ POCKET LENGTH @ BOTTOM DIM ’B’ POCKET LENGTH @ BOTTOM DIM ’C’ TAPE WIDTH DIM ’D’ POCKET DEPTH DIM ’G’ SPROCKET HOLE SPACING DIM ’P’ PITCH BETWEEN POCKETS SD02 SD03 SD04 SD05 SD06 SD07 SD08 SD09 SD10 SD12 .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .472(12,0) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) .177(4,5) N/A N/A N/A N/A N/A 1.118(28,4) 1.591(40,4) 1.591(40,4) 1.591(40,4) 1.591(40,4) .413(10,5) .406(10,3) .429(10,9) .406(10,3) .406(10,3) .406(10,3) .406(10,3) .406(10,3) .406(10,3) .406(10,3) .630(16,0) .630(16,0) .954(24,0) .954(24,0) .954(24,0) 1.260(32,0) 1.732(44,0) 1.732(44,0) 1.732(44,0) 1.732(44,0) .315(8,0) .406(10,3) .476(12,1) .602(15,3) .701(17,8) .803(20,4) .854(21,7) 1.028(26,1) 1.055(26,8) 1.303(33,1) Reel Information Outside diameter 13.00 (333,0) Pilot hole .512 (13,0) RoHS NO. QUANTITY PART NUMBER POS. DIM. ‘A’ PER REEL SD02H0SBR 2 .258 (6,55) 1000 SD03H0SBR 3 .358 (9,09) 1000 SD04H0SBR 4 .458 (11,63) 1000 SD05H0SBR 5 .558 (14,17) 1000 SD06H0SBR 6 .658 (16,71) 1000 SD07H0SBR 7 .758 (19,25 1000 SD08H0SBR 8 .858 (21,79) 1000 SD09H0SBR 9 .958 (24,33) 1000 SD10H0SBR 10 1.058 (26,87) 1000 SD12H0SBR 12 1.258 (31,95) 1000 Schematic SPST 18 7 6 5 4 3 2 ORIENTATION MARK PEELABLE TAPE SEAL .300 (7,62) .390 (9,91) .010 TYP. (0,25) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .315 TYP. (8,00) .170 (4,31) WITH TAPE .100 TYP. (2,54) .022 TYP. (0,55) .010 TYP. (0,25) .243 TYP. (6,17) .044 MIN. (1,12) .100 (2,54) TYP. .435 MIN. (11,05) ON H1 Actuator 0.010 TYP. (0,25) Sealed Extended Actuator – With Top Tape, Surface Mount Terminals RoHS NO. QUANTITY PART NUMBER POS. DIM. ‘A’ PER TUBE SD02H1SB 2 .258 (6,55) 85 SD03H1SB 3 .358 (9,09) 60 SD04H1SB 4 .458 (11,63) 45 SD05H1SB 5 .558 (14,17) 40 SD06H1SB 6 .658 (16,71) 30 SD07H1SB 7 .758 (19,25 25 SD08H1SB 8 .858 (21,79) 25 SD09H1SB 9 .958 (24,33) 20 SD10H1SB 10 1.058 (26,87) 20 SD12H1SB 12 1.258 (31,95) 15 Schematic SPST Table applicable to “H1” and “H3” actuator options. Table applicable to “H0” and “H2” actuator options. 9 January 2018 |