| Moteur de recherche de fiches techniques de composants électroniques |
|
BC548B Fiches technique(PDF) 1 Page - Weitron Technology |
|
|
|||||||||||||||||||||||||||||
BC548B Fiches technique(HTML) 1 Page - Weitron Technology |
|
1 / 5 page ![]() ℃ ℃ ℃ ℃ NPN General Purpose Transistor http://www.weitron.com.tw WEITRON Maximum Ratings THERMAL CHARACTERISTICS ELECTRICAL CHARACTERISTICS OFF CHARACTERISTICS ( TA=25 C unless otherwise noted) BC546 BC546 BC547 BC547 BC548 BC548 BC546 BC547 BC548 BC546 BC547 BC548 BC546 BC547 BC548 BC546 BC547 BC548 BC546, A/B BC547, A/B/C BC548, A/B/C TO-92 2 2 3 3 1 1 80 50 30 65 45 30 6 6 6 100 625 80 50 30 65 45 30 6 Rating Symbol Collector-Emitter Voltage V Collector Current Continuous l Collector-Base Voltage V Emitter-Base Voltage V ECO CBO EBO C Unit Unit Unit Max Max Min Symbol Symbol Characteristics Characteristics Total Device Dissipation Alumina Substrate, T = 25 C Vdc Vdc Vdc Vdc Vdc Vdc mAdc mW/ C C -55 to +150 A Junction and Storage, Temperature PD TJ, Tstg V(BR)CEO V(BR)CBO V(BR)EBO Collector-Emitter Breakdown Voltage (l = 1 mAdc. l =0) C B Collector-Base Breakdown Voltage (l = 100 mAdc. l =0) C E Emitter-Base Breakdown Voltage (l = 10 mAdc. l =0) E C COLLECTOR BASE EMITTER 1/5 Rev.B 27-Apr-05 |
Numéro de pièce similaire - BC548B |
|
Description similaire - BC548B |