Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C3F219AD Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce C3F219AD
Description  64-bit TTL bipolar RAM, non-inverting 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

C3F219AD Fiches technique(HTML) 3 Page - NXP Semiconductors

  C3F219AD Datasheet HTML 1Page - NXP Semiconductors C3F219AD Datasheet HTML 2Page - NXP Semiconductors C3F219AD Datasheet HTML 3Page - NXP Semiconductors C3F219AD Datasheet HTML 4Page - NXP Semiconductors C3F219AD Datasheet HTML 5Page - NXP Semiconductors C3F219AD Datasheet HTML 6Page - NXP Semiconductors C3F219AD Datasheet HTML 7Page - NXP Semiconductors C3F219AD Datasheet HTML 8Page - NXP Semiconductors C3F219AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F219A
64-bit TTL bipolar RAM, non-inverting (3-State)
1996 Jan 05
3
LOGIC SYMBOL
D0
D2 D3
D1
Q0 Q1 Q2 Q3
57
9
11
610 12
VCC = pin 16
GND = pin 8
4
A0
A1
A2
A3
CE
WE
1
15
14
13
2
3
SF00308
IEC/IEEE SYMBOL
1
15
14
13
12
11
RAM 16X4
10
9
6
7
4
5
2
3
A,2D
A
G1
1 EN [READ]
1 C2 [WRITE]
0
1
A
0
15
SF00301
LOGIC DIAGRAM
VCC = Pin 16
GND = Pin 8
Decoder
Drivers
A0
A1
A2
A3
Address
Decoder
16–word x 4–bit
memory cell
array
Data buffers
Output buffers
Q0 Q1 Q2 Q3
D0 D1 D2 D3
WE
CE
1
15
14
13
3
2
57
9
11
4
6
10 12
SF00309
FUNCTION TABLE
INPUTS
OUTPUT
OPERATING
CE
WE
Dn
Qn
MODE
L
H
X
Stored data
Read
L
L
L
High impedance
Write “0”
L
L
H
High impedance
Write “1”
H
X
X
High impedance
Disable input
NOTES:
H = High voltage level
L = Low voltage level
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com