Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6486RT-E/OT Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP6486RT-E/OT
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486RT-E/OT Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP6486RT-E/OT Datasheet HTML 17Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 18Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 19Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 20Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 21Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 22Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 23Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 24Page - Microchip Technology MCP6486RT-E/OT Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006679A-page 21
MCP6486/6R/6U/7/9
Package Marking Information (Continued)
14-Lead TSSOP (MCP6489)
Example:
14-Lead SOIC (150 mil) (MCP6489)
Example:
XXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
6489ST
0432
256
XXXXXXX
MCP6489ESL
0432256
Example:
OR
OR
MCP6489
0746256
6489STE
0432
256
E/SL^^3
e
8-Lead MSOP
XXXXX
YWWNNN
Example:
6487E
432256
8-Lead SOIC (150 mil) (MCP6487)
XXXXXXXX
XXXXYYWW
NNN
MCP6487E
2023
256
SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46