Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN750PT Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VN750PT
Description  HIGH SIDE DRIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PT Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VN750PT Datasheet HTML 9Page - STMicroelectronics VN750PT Datasheet HTML 10Page - STMicroelectronics VN750PT Datasheet HTML 11Page - STMicroelectronics VN750PT Datasheet HTML 12Page - STMicroelectronics VN750PT Datasheet HTML 13Page - STMicroelectronics VN750PT Datasheet HTML 14Page - STMicroelectronics VN750PT Datasheet HTML 15Page - STMicroelectronics VN750PT Datasheet HTML 16Page - STMicroelectronics VN750PT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
VN750-E / VN750S-E / VN750PT-E / VN750B5-E
Figure 22. Turn-on Voltage Slope
Figure 23. Overvoltage Shutdown
Figure 24. Input Hysteresis Voltage
Figure 25. Turn-off Voltage Slope
Figure 26. ILIM Vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
900
1000
dVout/dt/(on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32
34
36
38
40
42
44
46
48
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
450
500
dVout/dt(off) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
2
4
6
8
10
12
14
16
18
20
Ilim (A)
Vcc=13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31