| Moteur de recherche de fiches techniques de composants électroniques |
|
IPS8160HQ Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS8160HQ Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 28 page ![]() 2 Pin connections Figure 2. Connection diagram (top through view) Table 1. Pin functions Pin Symbol Description 1, 2 OUT1 Channel 1 power output 3 to 13, 22 to 32 N.C. Not connected 14 IN1 Channel 1 input 15 IN2 Channel 2 input 16 IN3 Channel 3 input 17 IN4 Channel 4 input 18 IN5 Channel 5 input 19 IN6 Channel 6 input 20 IN7 Channel 7 input 21 IN8 Channel 8 input 33 GND Output power ground 34 STATUS Common open source diagnostic for overtemperature 35, 36 OUT8 Channel 8 power output 37, 38 OUT7 Channel 7 power output 39, 40 OUT6 Channel 6 power output 41, 42 OUT5 Channel 5 power output 43, 44 OUT4 Channel 4 power output 45, 46 OUT3 Channel 3 power output 47, 48 OUT2 Channel 2 power output EP VCC Supply voltage IPS8160HQ, IPS8160HQ-1 Pin connections DS13934 - Rev 1 page 3/28 |