| Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-AG01-R0TDD Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-AG01-R0TDD Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
|
1 / 10 page ![]() Agilent HLMP-ABxx, HLMP-BBxx, HLMP- ADxx, HLMP-BDxx, HLMP-AGxx, HLMP- BGxx, HLMP-ALxx, HLMP-BLxx, HLMP-AMxx, HLMP-BMxx T-13/4 (5 mm) Oval Precision Optical Performance AlInGaP and InGaN Lamps Data Sheet Features • Well defined spatial radiation pattern • Viewing angles: Major axis 70° Minor axis 35° • High luminous output • Red and Amber Intensity are available for: AlInGaP (Bright) AlInGaP II (Brightest) • Colors: 472 nm blue 526 nm green 626 nm red 630 nm red 590 nm amber 592 nm amber • Superior resistance to moisture • UV resistant epoxy Benefits • Viewing angle designed for wide field of view application • Red, green, and blue radiation patterns matched for full color sign • Superior performance in outdoor environments Applications • Full color/video signs Description These Precision Optical Performance Oval LEDs are specifically designed for full color/video and passenger information signs. The oval shaped radiation pattern (35 ° x70°) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor application where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign. High efficiency LED material is used in these lamps: Aluminum Indium Gallium Phosphide (AlInGaP) for amber and red, and Indium Gallium Nitride (InGaN) for blue and green. Each lamp is made with an advance optical grade epoxy offering superior high temperature and high moisture resistance in outdoor applications. The package epoxy contains both UV-A and UV-B inhibitors to reduce the effects of long term exposure to direct sunlight. Designers can select parallel or perpendicular orientation. Both lamps are available in tinted version. CAUTION: The blue and green LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Agilent Application Note AN-1142 for additional details. |
Numéro de pièce similaire - HLMP-AG01-R0TDD |
|
Description similaire - HLMP-AG01-R0TDD |