Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F06 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74F06
Description  Inverter/buffer drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F06 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74F06 Datasheet HTML 1Page - NXP Semiconductors 74F06 Datasheet HTML 2Page - NXP Semiconductors 74F06 Datasheet HTML 3Page - NXP Semiconductors 74F06 Datasheet HTML 4Page - NXP Semiconductors 74F06 Datasheet HTML 5Page - NXP Semiconductors 74F06 Datasheet HTML 6Page - NXP Semiconductors 74F06 Datasheet HTML 7Page - NXP Semiconductors 74F06 Datasheet HTML 8Page - NXP Semiconductors 74F06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F06, 74F06A,
74F07, 74F07A
Hex inverter/buffer drivers (open-collector)
July 24, 1992
3
IEC/IEEE SYMBOLS
13
SF00020
12
11
10
9
8
5
6
3
4
1
2
74F06/74F06A
13
SF00021
12
11
10
9
8
5
6
3
4
1
2
74F07/74F07A
LOGIC DIAGRAMS
VCC = Pin 14
GND = Pin 7
SF00022
2
4
6
8
10
12
Y0
Y1
Y2
Y3
Y4
Y5
1
3
5
9
11
13
A0
A1
A2
A3
A4
A5
74F06/74F06A
VCC = Pin 14
GND = Pin 7
SF00023
2
4
6
8
10
12
Y0
Y1
Y2
Y3
Y4
Y5
1
3
5
9
11
13
A0
A1
A2
A3
A4
A5
74F07/74F07A
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
An
Data inputs (’F06, ’F07)
1.0/1.0
20
µA/0.6mA
An
Data inputs (’F06A, ’F07A)
1.0/0.7
20
µA/0.4mA
Yn
Data outputs (’F06)
OC/106.7
OC/64mA
Yn
Data outputs (’F06A)
OC/80
OC/48mA
Yn
Data outputs (’F07)
OC/106.7
OC/64mA
Yn
Data outputs (’F07A)
OC/80
OC/48mA
NOTES:
1. One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
2. OC = Open Collector
FUNCTION TABLE
INPUTS
OUTPUTS
’F06, ’F06A
’F07, ’F07A
An
Yn
Yn
L
H
L
H
L
H
NOTES:
1. H = High voltage level
2. L = Low voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10