| Moteur de recherche de fiches techniques de composants électroniques |
|
ECU-1251TL-R10A Fiches technique(PDF) 11 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ECU-1251TL-R10A Fiches technique(HTML) 11 Page - Advantech Co., Ltd. |
|
11 / 15 page ![]() Drawings and specifications herein are property of Advantech and shall not be reproduced, copied, or used without prior written permission. 11 FieldServer Modbus Ethernet Modicon (Modbus RTU/TCP) SERIAL & TCP/IP Honeywell 7800 series Burner Controls with S7810M ModBus Networking module Modicon (Modbus RTU) SERIAL DCP100 with Modbus communications Modicon (Modbus RTU) SERIAL DPR100 DPR180/250 Recorders with Modbus Modicon (Modbus RTU) SERIAL DR 4300/4500 Recorders with Modbus Modicon (Modbus RTU) SERIAL UDC700 UDC1000 UDC1500 Loop Controller with Modbus Modicon (Modbus RTU) SERIAL UDC 3000, UDC 3300 Loop Controllers with Modbus Modicon (Modbus RTU) SERIAL UDC 6000 Loop Controller with Modbus Modicon (Modbus RTU) SERIAL UMC800 Setpoint Programmer / Controller with Modbus Modicon (Modbus RTU) SERIAL VPR/VRX Recorders with Modbus Modicon (Modbus RTU) SERIAL Honeywell HC900 Hybrid Control System Modicon (Modbus/TCP) TCP/IP Keyence KEYENCE KV-700/ KV-1000 series PLCs KEYENCE KV-700/ KV-1000 (Host Link) SERIAL & TCP/IP Mitsubishi Melsec A Mitsubishi MELSEC-A Series PLC(MC Protocol) SERIAL & TCP/IP Melsec A1S Mitsubishi MELSEC-AnS Series PLC(MC Protocol) SERIAL & TCP/IP MitsuA2 Mitsubishi MELSEC-AnN Series PLC(MC Protocol) SERIAL MitsuAnA Mitsubishi MELSEC-AnA Series PLC(MC Protocol) SERIAL & TCP/IP MitsuAnAD Mitsubishi MELSEC-AnAD Series PLC(MC Protocol) SERIAL Melsec FX Series PLC Mitsubishi MELSEC-Fx Series PLC (MC Protocol) SERIAL & TCP/IP Melsec FX - Series MultiDrop IO Mitsubishi MELSEC-Fx Series PLC (MC Protocol) SERIAL Melsec FX2 Series PLC Mitsubishi MELSEC-Fx2 Series PLC (MC Protocol) SERIAL & TCP/IP Melsec FX3 Series PLC Mitsubishi MELSEC-Fx3 Series PLC (MC Protocol) SERIAL & TCP/IP Melsec FX5 Series PLC Mitsubishi MELSEC-Fx5 Series PLC (MC Protocol) SERIAL & TCP/IP |