| Moteur de recherche de fiches techniques de composants électroniques |
|
AP2113 Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP2113 Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 13 page ![]() Preliminary Datasheet 1.6x Linear DC Fan Driver with VOUT Fully on Control AP2113 Mar. 2012 Rev 1. 3 BCD Semiconductor Manufacturing Limited 4 Ordering Information AP2113 - Package Temperature Range Part Number Marking ID Packing Type AP2113M-G1 2113M-G1 Tube SOIC-8 -40 to 85 °C AP2113MTR-G1 2113M-G1 Tape & Reel SOT-23-5 -40 to 85 °C AP2113KTR-G1 G5O Tape & Reel BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and Green. Blank: Tube TR: Tape & Reel Package M: SOIC-8 K: SOT-23-5 G1: Green Circuit Type |