Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL640G70WHEN Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce AM29DL640G70WHEN
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640G70WHEN Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button AM29DL640G70WHEN Datasheet HTML 44Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 45Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 46Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 47Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 48Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 49Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 50Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 51Page - Advanced Micro Devices AM29DL640G70WHEN Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
June 7, 2002
Am29DL640G
49
PR E L I M I N A R Y
PHYSICAL DIMENSIONS
FBE063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 12 x 11 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52