| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP102 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 24 page ![]() MCP102/103/121/131 DS-21906A-page 14 2004 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Part Number MCP1xx = MCP102 MCP103 MCP121 MCP131 MCP1xxT-195I/LB BGN FGN DGN CGN MCP1xxT-240E/LB BHN FHN DHN CHN MCP1xxT-270E/LB BJN FJN DJN CJN MCP1xxT-300E/LB BKN FKN DKN CKN MCP1xxT-315E/LB BLN FLN DLN CLN MCP1xxT-450E/LB BMN FMN DMN CMN MCP1xxT-475E/LB BPN FPN DPN CPN Legend: 1 Part Number + temperature range and voltage (two-digit code) 2 Part Number + temperature range and voltage (two-digit code) Y Year (Y, YY) WW Work Week N Traceability Code (N, NN, NNN) Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. 3-Pin SOT-23 3-Pin SC-70 Top Side 3-Lead TO-92 XXXXXX XXXXXX XXXXXX YWWNNN Example: MCP102 195I TO0425 456 Part Number MCP1xx = MCP102 MCP103 MCP121 MCP131 MCP1xxT-195I/TT JGNN TGNN LGNN KGNN MCP1xxT-240ETT JHNN THNN LHNN KHNN MCP1xxT-270E/TT JJNN TJNN LJNN KJNN MCP1xxT-300E/TT JKNN TKNN LKNN KKNN MCP1xxT-315E/TT JLNN TLNN LLNN KLNN MCP1xxT-450E/TT JMNN TMNN LMNN KMNN MCP1xxT-475E/TT JPNN TPNN LPNN KPNN Example: Example: NY W W N N Bottom Side |