Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP121 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP121
Description  Micropower Voltage Supervisors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 10Page - Microchip Technology MCP121 Datasheet HTML 11Page - Microchip Technology MCP121 Datasheet HTML 12Page - Microchip Technology MCP121 Datasheet HTML 13Page - Microchip Technology MCP121 Datasheet HTML 14Page - Microchip Technology MCP121 Datasheet HTML 15Page - Microchip Technology MCP121 Datasheet HTML 16Page - Microchip Technology MCP121 Datasheet HTML 17Page - Microchip Technology MCP121 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP102/103/121/131
DS-21906A-page 14
 2004 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Part Number
MCP1xx =
MCP102 MCP103 MCP121 MCP131
MCP1xxT-195I/LB
BGN
FGN
DGN
CGN
MCP1xxT-240E/LB
BHN
FHN
DHN
CHN
MCP1xxT-270E/LB
BJN
FJN
DJN
CJN
MCP1xxT-300E/LB
BKN
FKN
DKN
CKN
MCP1xxT-315E/LB
BLN
FLN
DLN
CLN
MCP1xxT-450E/LB
BMN
FMN
DMN
CMN
MCP1xxT-475E/LB
BPN
FPN
DPN
CPN
Legend:
1
Part Number + temperature range and voltage (two-digit code)
2
Part Number + temperature range and voltage (two-digit code)
Y
Year (Y, YY)
WW
Work Week
N
Traceability Code (N, NN, NNN)
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line thus limiting the number of available characters for customer
specific information.
3-Pin SOT-23
3-Pin SC-70
Top Side
3-Lead TO-92
XXXXXX
XXXXXX
XXXXXX
YWWNNN
Example:
MCP102
195I
TO0425
456
Part Number
MCP1xx =
MCP102 MCP103 MCP121 MCP131
MCP1xxT-195I/TT
JGNN
TGNN
LGNN
KGNN
MCP1xxT-240ETT
JHNN
THNN
LHNN
KHNN
MCP1xxT-270E/TT
JJNN
TJNN
LJNN
KJNN
MCP1xxT-300E/TT
JKNN
TKNN
LKNN
KKNN
MCP1xxT-315E/TT
JLNN
TLNN
LLNN
KLNN
MCP1xxT-450E/TT
JMNN
TMNN
LMNN
KMNN
MCP1xxT-475E/TT
JPNN
TPNN
LPNN
KPNN
Example:
Example:
NY
W
W
N N
Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24