| Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVT16952 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVT16952 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 14 page ![]() Philips Semiconductors Product specification 74ALVT16952 2.5V/3.3V 16-bit registered transceiver (3-State) 1998 Mar 19 4 FUNCTION TABLE for Register nAx or nBx INPUTS INTERNAL OPERATING nAx or nBx nCPXX nCEXX INTERNAL Q OPERATING MODE X X H NC Hold data L H ↑ ↑ L L L H Load data H = High voltage level L = Low voltage level ↑ = Low-to-High transition X = Don’t care XX = AB or BA NC= No change FUNCTION TABLE for Output Enable INPUTS INTERNAL nAx or nBx OPERATING nOEXX Q OUTPUTS MODE H X Z Disable outputs L L L H L H Enable outputs H = High voltage level L = Low voltage level X = Don’t care XX = AB or BA Z = High impedance ”off” state LOGIC DIAGRAM nCEAB CE Q CP D CE Q CP D DETAIL A DETAIL A X 7 nCPAB nOEAB nA0 nA2 nCPBA nOEBA nB0 nA3 nA4 nA5 nA6 nA7 nCEBA nB1 nB2 nB3 nB4 nB5 nB6 nB7 nA1 SH00072 |