| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE7232G Fiches technique(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232G Fiches technique(HTML) 6 Page - Infineon Technologies AG |
|
6 / 36 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE 7232G Overview Data Sheet 6 V1.0, 2005-09-30 1.2 Terms Following figure shows all terms used in this data sheet. Figure 2 Terms In all tables of electrical characteristics is valid: Channel related symbols without channel number are valid for each channel separately (e.g. V DS specification is valid for V DS0 … VDS7). All SPI register bits are marked as follows: ADDR.PARAMETER (e.g. CTL.OUT0). In SPI register description, the values in bold letters (e.g. 0) are default values. Terms.emf V CS V SCLK V IN V SI ISO SO ISCLK ISI SCLK SI ICS CS V SO GND I GND OUT0 V DS0 I D1 OUT1 OUT2 V DS2 V DS1 I D3 OUT3 V DS3 IIN IN I D0 I D2 Vbat V VSO IVSO VSO V RST IRST RST Idd VDD V dd OUT4 V DS4 I D5 OUT5 OUT6 V DS6 V DS5 I D7 OUT7 V DS7 I D4 I D6 SPIDER - TLE 7232G |