Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT16821 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74ALVT16821
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16821 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16821 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
74ALVT16821
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 13
11
TSSOP56:
plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13