| Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVT16652 Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVT16652 Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 14 page ![]() Philips Semiconductors Product specification 74ALVT16652 2.5V/3.3V 16-bit bus transceiver/register (3-State) 1998 Feb 13 5 The following examples demonstrate the four fundamental bus-management functions that can be performed with the 74ALVT16652. The select pins determine whether data is stored or transferred through the device in real time. The output enable pins determine the direction of the data flow. REAL TIME BUS TRANSFER BUS B TO BUS A nOEAB nOEBA nCPAB nCPBA nSAB nSBA LL X X X L REAL TIME BUS TRANSFER BUS A TO BUS B nOEAB nOEBA nCPAB nCPBA nSAB nSBA HH X X L X STORAGE FROM A, B, OR A AND B nOEAB nOEBA nCPAB nCPBA nSAB nSBA XH ↑ XX X LX X ↑ XX LH ↑↑ XX TRANSFER STORED DATA TO A OR B nOEAB nOEBA nCPAB nCPBA nSAB nSBA H L H | L H | L H H AB AB AB AB SH00066 |