| Moteur de recherche de fiches techniques de composants électroniques |
|
MFS8610BMBA0ES Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS8610BMBA0ES Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 16 page ![]() NXP Semiconductors FS8600_SDS Fail-safe system basis chip with multiple SMPSs and LDOs Pin Name Type Description 42 VSUP1 Power Analog Input Power supply of the device #1. An external reverse battery protection diode in series is mandatory 43 VSUP2 Power Analog Input Power supply of the device #2. An external reverse battery protection diode in series is mandatory 44 WAKE2 Digital/Analog input Wake up input 2 (thru ext. serial resistor) 45 VBOOST Analog output Boost output voltage 46 LDO2 Analog output Linear regulator #2 output voltage 47 VMON4_RINT Analog input Internal resistor bridge voltage monitoring input #4 48 DBG Analog input DEBUG Mode entry and OTP input supply EP EP Ground Expose pad must be connected to GND Table 3. Pin description...continued FS8600_SDS All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product short data sheet Rev. 2.0 — 7 December 2022 9 / 16 |