Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC00E/MC Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce 24LC00E/MC
Description  128-Bit I2C Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00E/MC Fiches technique(HTML) 22 Page - Microchip Technology

Back Button 24LC00E/MC Datasheet HTML 18Page - Microchip Technology 24LC00E/MC Datasheet HTML 19Page - Microchip Technology 24LC00E/MC Datasheet HTML 20Page - Microchip Technology 24LC00E/MC Datasheet HTML 21Page - Microchip Technology 24LC00E/MC Datasheet HTML 22Page - Microchip Technology 24LC00E/MC Datasheet HTML 23Page - Microchip Technology 24LC00E/MC Datasheet HTML 24Page - Microchip Technology 24LC00E/MC Datasheet HTML 25Page - Microchip Technology 24LC00E/MC Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
24AA00/24LC00/24C00
DS20001178J-page 22
 1996-2018 Microchip Technology Inc.
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing No. C04-129-MN Rev E Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN]
D
E
D2
E2
A
(A3)
A1
e
8X b
L
K
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34