Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6V96UT-E/ST Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce MCP6V96UT-E/ST
Description  10 MHz, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V96UT-E/ST Fiches technique(HTML) 29 Page - Microchip Technology

Back Button MCP6V96UT-E/ST Datasheet HTML 25Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 26Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 27Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 28Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 29Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 30Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 31Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 32Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006467A-page 29
MCP6V96/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SC70 (MCP6V96U)
Example
5-Lead SOT-23 (MCP6V96, MCP6V96U)
Example
Device
Code
MCP6V96T-E/OT
AAC1Y
MCP6V96UT-E/OT
AAC2Y
GE56
Device
Code
MCP6V96UT-E/LTY
GENN
XXXXY
WWNNN
AAC10
52256
8-Lead MSOP (MCP6V97)
Example
6V97
052256
8-Lead TDFN (MCP6V97)
Example
DM9
052
56
Device
Code
MCP6V97T-E/MNY
DM9
Note:
Applies to 8-Lead 2 x 3 TDFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52