Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24AA00E/ST Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce 24AA00E/ST
Description  128-Bit I2C Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00E/ST Fiches technique(HTML) 14 Page - Microchip Technology

Back Button 24AA00E/ST Datasheet HTML 10Page - Microchip Technology 24AA00E/ST Datasheet HTML 11Page - Microchip Technology 24AA00E/ST Datasheet HTML 12Page - Microchip Technology 24AA00E/ST Datasheet HTML 13Page - Microchip Technology 24AA00E/ST Datasheet HTML 14Page - Microchip Technology 24AA00E/ST Datasheet HTML 15Page - Microchip Technology 24AA00E/ST Datasheet HTML 16Page - Microchip Technology 24AA00E/ST Datasheet HTML 17Page - Microchip Technology 24AA00E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
24AA00/24LC00/24C00
DS20001178J-page 14
 1996-2018 Microchip Technology Inc.
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018D Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
D
E1
c
C
PLANE
.010
C
12
N
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34