| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3465R Fiches technique(PDF) 94 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3465R Fiches technique(HTML) 94 Page - Microchip Technology |
|
94 / 110 page ![]() MCP3465R DS20006414C-page 94 2020-2021 Microchip Technology Inc. 8.9 TIMER REGISTER Name Bits Address Cof TIMER 24 0x8 R/W REGISTER 8-9: TIMER: TIMER DELAY VALUE REGISTER R/W-0 TIMER[15:0] bit 23 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown Bit 23-0 TIMER[15:0]: Selection Bits for the Time Interval (TTIMER_SCAN) Between Two Consecutive Scan Cycles (when CONV_MODE[1:0] = 11) 0xFFFF: TTIMER_SCAN = 16777215 * DMCLK periods 0xFFFFFE: TTIMER_SCAN = 16777214 * DMCLK periods • • • 0x000002: TTIMER_SCAN = 2 * DMCLK periods 0x000001: TTIMER_SCAN = 1 * DMCLK periods 0x000000: TTIMER_SCAN = 0 (No delay) – default |