Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23LCV1024 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 23LCV1024
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 23LCV1024 Datasheet HTML 17Page - Microchip Technology 23LCV1024 Datasheet HTML 18Page - Microchip Technology 23LCV1024 Datasheet HTML 19Page - Microchip Technology 23LCV1024 Datasheet HTML 20Page - Microchip Technology 23LCV1024 Datasheet HTML 21Page - Microchip Technology 23LCV1024 Datasheet HTML 22Page - Microchip Technology 23LCV1024 Datasheet HTML 23Page - Microchip Technology 23LCV1024 Datasheet HTML 24Page - Microchip Technology 23LCV1024 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
 2012-2021 Microchip Technology Inc.
DS20005156B-page 21
23LCV1024
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-SN Rev F
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN
8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm (.150 In.) Body [SOIC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29