Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT16260 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74ALVT16260
Description  12-bit to 24-bit multiplexed D-type latches 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74ALVT16260 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
2.5V/3.3V 12-bit to 24-bit multiplexed D-type latches
(3-State)
1998 Jan 30
4
LOGIC DIAGRAM (POSITIVE LOGIC)
G1
1
1
C1
1D
C1
1D
C1
1D
C1
1D
LE1B
LE2B
LEA1B
LEA2B
OE2B
OE1B
OEA
SEL
A1
2
27
30
55
56
29
1
28
8
2B1
1B1
23
6
TO 11 OTHER CHANNELS
SA00436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14