Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMD30011BAG1-R Fiches technique(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

No de pièce ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZMD [Zentrum Mikroelektronik Dresden AG]
Site Internet  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Fiches technique(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
6/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
2.9
INH-Pin
The INH-pin ("inhibit-pin") is a high-voltage-output controlled by the EN-input. In the normal-mode and in the wait-
mode the inhibit high-side-driver sets INH=VSUP (EN=high).
The INH-pin may be used to switch on an external regulator or to set external switches active for an interrupt
request. The inhibit-driver is capable to source 40mA typically.
If EN is set to low then the transceiver switches to the sleep-mode and separates external modules from VSUP by
tristating the INH-pin. Hence, a voltage regulator with its inhibit pin connected to INH will be disabled. If the master
node pull-up resistor is connected to INH then it will be disabled from the LIN bus.
A WAKE-UP-event or EN=high sets INH=high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22