Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-50S Fiches technique(PDF) 1 Page - CUI Devices

No de pièce CFM-50S
Description  DC AXIAL FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-50S Fiches technique(HTML) 1 Page - CUI Devices

  CFM-50S Datasheet HTML 1Page - CUI Devices CFM-50S Datasheet HTML 2Page - CUI Devices CFM-50S Datasheet HTML 3Page - CUI Devices CFM-50S Datasheet HTML 4Page - CUI Devices CFM-50S Datasheet HTML 5Page - CUI Devices CFM-50S Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 08/12/2022
page 1 of 6
SERIES: CFM-50S | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• sleeve bearing system
• 50 x 50 mm frame
• multiple speed options
• PWM/tachometer wires available
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CFM-5020S-130-235
12
10.8~13.2
0.08
0.96
3,0005
8.09
0.06
23.5
CFM-5020S-145-323
12
10.8~13.2
0.14
1.68
4,5005
12.14
0.13
32.3
CFM-5020S-160-385
12
10.8~13.2
0.23
2.76
6,000
16.18
0.24
38.5
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±600 at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-5020S-130-235 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page | 3D Model


Numéro de pièce similaire - CFM-50S

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CFM-50 CUI-CFM-50 Datasheet
637Kb / 5P
DC AXIAL FAN
CFM-5010-03 CUI-CFM-5010-03 Datasheet
637Kb / 5P
DC AXIAL FAN
CFM-5010-03 CUI-CFM-5010-03 Datasheet
602Kb / 5P
DC AXIAL FAN
02/07/2020
CFM-5010-13 CUI-CFM-5010-13 Datasheet
637Kb / 5P
DC AXIAL FAN
CFM-5010-13 CUI-CFM-5010-13 Datasheet
602Kb / 5P
DC AXIAL FAN
02/07/2020
More results

Description similaire - CFM-50S

FabricantNo de pièceFiches techniqueDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com