| Moteur de recherche de fiches techniques de composants électroniques |
|
STW81102AT Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW81102AT Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 43 page ![]() STW81102 I2C bus interface 27/43 5.3.2 B_COUNTER B[10:3]. Counter value (bit B11 in the previous register, bits B[2:0] in the next register) 5.3.3 A_COUNTER Bits B[2:0] for B Counter, A Counter value. 5.3.4 REF_DIVIDER Reference Clock divider ratio R[9:1] (bits R1, R0 in the next register). 5.3.5 CONTROL The CONTROL register is used to set the Charge Pump current, the VCO output voltage amplitude and the Prescaler Modulus. PLL_A[1:0]: VCO amplitude CPSEL[2:0]: Charge Pump output current PSC_SEL: Prescaler Modulus select ('0' for P=16, '1' for P=19) The LO output frequency is programmed by setting the proper value for A,B and R according to the following formula: MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 B10 B9B8 B7B6B5 B4B3 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 B2 B1 B0 A4 A3 A2 A1 A0 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 R9 R8 R7 R6 R5 R4 R3 R2 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 R1 R0 PLL_ A1 PLL_ A0 CP SEL2 CP SEL1 CP SEL0 PSC_ SEL F OUT D R BP A + ⋅ () F REF_CLK R ---------------------------- ⋅⋅ = |