| Moteur de recherche de fiches techniques de composants électroniques |
|
0907-4-CLIP Fiches technique(PDF) 3 Page - Precid-Dip Durtal SA |
|
|
|||||||||||||||||||||||||||||
0907-4-CLIP Fiches technique(HTML) 3 Page - Precid-Dip Durtal SA |
|
3 / 6 page ![]() PRECI-DIP SA Rue Saint-Henri 11 CH-2800 Delémont / Switzerland PHONE +41 (0)32 421 04 00 FAX +41 (0)32 421 04 01 E-MAIL sales@precidip.com www.precidip.com DESIGN RULES PRECI-DIP Spring loaded contact solutions are designed to mate to various kinds of surfaces: - A gold plated surface on a printed circuit board. - A gold target pad with a SMT, a soldering tail, a solder cup or a wire termination. In all cases, a key parameter for designing a reliable connection is the distance between the mating surface and the base of the spring pin, commonly named “H”. To make a reliable connection, the mating surface must be located in the working area between H1 and H2. For each application, we always ask for working range in order to propose the best design to fit customer applications. H1 / F1 H2/F2 Hnom / Fnom Working Range H1 H2 H init H max Buffer Area Buffer Area PRINTED CIRCUIT BOARD A TARGET PAD |