| Moteur de recherche de fiches techniques de composants électroniques |
|
EP2016 Fiches technique(PDF) 3 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
EP2016 Fiches technique(HTML) 3 Page - Hammond Manufacturing Ltd. |
|
3 / 3 page ![]() Data subject to change without notice 304 S.S. 316 S.S. Enclosure Optional Inner Panel Part No. Part No. H W D Latch Type Part No. H W EN4SD482410SS EN4SD482410S16 48.00 24.00 10.00 B EP4824 46.20 26.20 EN4SD483610SSR EN4SD483610S16R 48.00 36.00 10.00 A EP4836 46.20 34.20 EN4SD603610SSR EN4SD603610S16R 60.00 36.00 10.00 A EP6036 58.20 34.20 EN4SD202012SS EN4SD202012S16 20.00 20.00 12.00 A EP2020 18.20 18.20 EN4SD242412SS EN4SD242412S16 24.00 24.00 12.00 A EP2424 22.20 22.20 EN4SD302412SS EN4SD302412S16 30.00 24.00 12.00 A EP3024 28.20 22.20 EN4SD303012SS EN4SD303012S16 30.00 30.00 12.00 A EP3030 28.20 28.20 EN4SD362412SS EN4SD362412S16 36.00 24.00 12.00 A EP3624 34.20 22.20 EN4SD363012SS EN4SD363012S16 36.00 30.00 12.00 A EP3630 34.20 28.20 EN4SD363612SSR EN4SD363612S16R 36.00 36.00 12.00 A EP3636 34.20 34.20 EN4SD423612SSR EN4SD423612S16R 42.00 36.00 12.00 A EP4236 40.20 34.20 EN4SD483612SSR EN4SD483612S16R 48.00 36.00 12.00 A EP4836 46.20 34.20 EN4SD603612SSR EN4SD603612S16R 60.00 36.00 12.00 A EP6036 58.20 34.20 EN4SD723612SSR EN4SD723612S16R 72.00 36.00 12.00 A EP7236 70.20 34.20 EN4SD302416SS - 30.00 24.00 16.00 A EP3024 28.20 22.20 EN4SD363016SS - 36.00 30.00 16.00 A EP3630 34.20 28.20 EN4SD483616SSR EN4SD483616S16R 48.00 36.00 16.00 A EP4836 46.20 34.20 Alternative inner panel options also available. Tags: stainless, stainless steel, wallmount, wall-mount, hinged, 316, 304, NEMA 4X, Type 4X Eclipse © 2023. Hammond Manufacturing Ltd. All rights reserved. |