Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD5EC330J03 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce CD5EC330J03
Description  Miniature Dipped, Mica Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CD5EC330J03 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  CD5EC330J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD5EC330J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD5EC330J03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD5EC330J03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD5EC330J03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
4.010
Type CD16 & CDV16, Snubber and RF Application, Mica Capacitors
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Cap.
Catalog
L
H
T
Ipk
Maximum Continuous Current @ 85
°C, Amps
pF
Number
Inches (mm)
Inches (mm)
Inches (mm)
Amps
100kHz
250 kHz
500 kHz
1MHz
2.5MHz
5MHz
500 Vdc (300 Vac)
100
CD16FD101J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
20
.019
.047
.09
.19
.47
.78
120
CD16FD121J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
24
.023
.057
.11
.23
.57
.86
150
CD16FD151J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
30
.028
.071
.14
.28
.71
.96
180
CD16FD181J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
36
.034
.085
.17
.34
.85
1.1
220
CD16FD221J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
44
.041
.10
.21
.41
1.0
1.2
270
CD16FD271J03
.45 (11.4)
.47 (11.9)
.16
4.1)
54
.051
.13
.25
.51
1.3
1.3
330
CD16FD331J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
66
.062
.16
.31
.62
1.5
1.5
390
CD16FD391J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
78
.074
.18
.37
.74
1.6
1.6
470
CD16FD471J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
94
.089
.22
.44
.89
1.8
1.8
560
CD16FD561J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
110
.11
.26
.53
1.1
2.0
2.0
680
CD16FD681J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
160
.15
.39
.77
1.5
2.5
2.5
820
CD16FD821J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
160
.15
.39
.77
1.5
2.5
2.5
1000
CD16FD102J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
200
.19
.47
.94
1.9
2.7
2.7
1200
CD16FD122J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
240
.23
.57
1.1
2.3
3.0
3.0
1500
CD16FD152J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
300
.28
.71
1.4
2.7
3.3
3.3
1800
CD16FD182J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
360
.34
.85
1.7
3.4
4.1
4.1
2200
CD16FD222J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
440
.41
1.0
2.1
4.1
4.5
4.5
2700
CD16FD272J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
540
.51
1.3
2.5
5.0
5.0
5.0
3000
CD16FD302J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
600
.57
1.4
2.8
5.2
5.2
5.2
3300
CD16FD332J03
.48 (12.2)
.53 (13.7)
.28 (7.1)
600
.57
1.4
2.8
5.7
6.8
6.8
3600
CD16FD362J03
.48 (12.2)
.53 (13.7)
.28 (7.1)
720
.68
1.7
3.4
6.8
7.1
7.1
3900
CD16FD392J03
.48 (12.2)
.54 (13.7)
.28 (7.1)
780
.74
1.8
3.7
7.4
7.4
7.4
4300
CD16FD432J03
.48 (12.2)
.54 (13.7)
.28 (7.1)
860
.81
2.0
4.0
7.0
7.8
7.8
4700
CD16FD472J03
.49 (12.5)
.56 (14.2)
.31 (7.9)
940
.89
2.2
4.4
8.5
8.5
8.5
5600
CD16FD562J03
.49 (12.5)
.56 (14.2)
.33 (8.4)
1100
1.1
2.6
5.3
9.0
9.0
9.0
6800
CD16FD682J03
.50 (12.7)
.57 (14.7)
.38 (9.7)
1300
1.3
3.2
6.4
9.0
9.0
9.0
7500
CD16FD752J03
.50 (12.7)
.58 (14.7)
.40 (10.2)
1500
1.4
3.5
7.1
9.0
9.0
9.0
Cap.
Catalog
L
H
T
Ipk
Maximum Continuous Current @ 85
°C, Amps
pF
Number
Inches (mm)
Inches (mm) Inches (mm)
Amps
100kHz
250 kHz
500 kHz
1MHz
2.5MHz
5MHz
1,000 Vdc (350 Vac)
100
CDV16FF101J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
23
.022
.055
.11
.22
.55
.92
120
CDV16FF121J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
27
.026
.066
.13
.26
.66
1.0
130
CDV16FF131J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
29
.029
.071
.14
.29
.71
1.1
150
CDV16FF151J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
34
.033
.082
.16
.33
.82
1.1
180
CDV16FF181J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
41
.040
.10
.20
.40
.99
1.2
200
CDV16FF201J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
45
.044
.11
.22
.44
1.1
1.3
220
CDV16FF221J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
50
.048
.12
.24
.48
1.2
1.4
240
CDV16FF241J03
.43 (10.9)
.46 (11.7)
.15 (3.8)
54
.053
.13
.26
.53
1.3
1.4
270
CDV16FF271J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
61
.059
.15
.30
.59
1.5
1.6
300
CDV16FF301J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
68
.066
.16
.33
.66
1.6
1.7
330
CDV16FF331J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
74
.073
.18
.36
.73
1.8
1.8
360
CDV16FF361J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
81
.079
.20
.40
.79
1.8
1.8
390
CDV16FF391J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
88
.086
.21
.43
.86
1.9
1.9
420
CDV16FF421J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
95
.092
.23
.46
.92
2.0
2.0
430
CDV16FF431J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
97
.095
.24
.47
.95
2.0
2.0
470
CDV16FF471J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
106
.10
.26
.52
1.0
2.1
2.1
500
CDV16FF501J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
113
.11
.27
.55
1.1
2.2
2.2
510
CDV16FF511J03
.45 (11.4)
.47 (11.9)
.16 (4.1)
115
.11
.28
.56
1.1
2.2
2.2
560
CDV16FF561J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
126
.12
.31
.62
1.2
2.4
2.4
620
CDV16FF621J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
140
.14
.34
.68
1.4
2.5
2.5
680
CDV16FF681J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
153
.15
.37
.75
1.5
2.7
2.7
750
CDV16FF751J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
169
.16
.41
.82
1.6
2.8
2.8
820
CDV16FF821J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
185
.18
.45
.90
1.8
2.9
2.9
910
CDV16FF911J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
205
.20
.50
1.0
2.0
3.1
3.1
1000
CDV16FF102J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
225
.22
.55
1.1
2.2
3.2
3.2
1200
CDV16FF122J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
270
.26
.66
1.3
2.6
3.5
3.5
1300
CDV16FF132J03
.46 (11.7)
.50 (12.7)
.17 (4.4)
293
.29
.71
1.4
2.9
3.7
3.7
1500
CDV16FF152J03
.46 (11.7)
.50 (12.7)
.18 (4.6)
338
.33
.82
1.6
3.3
3.9
3.9
1800
CDV16FF182J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
495
.40
.99
2.0
4.0
4.8
4.8
2000
CDV16FF202J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
605
.48
1.2
2.4
4.8
5.3
5.3
2200
CDV16FF222J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
605
.48
1.2
2.4
4.8
5.3
5.3
2400
CDV16FF242J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
660
.53
1.3
2.6
5.3
5.5
5.5
2700
CDV16FF272J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
743
.59
1.5
3.0
5.8
5.8
5.8
3000
CDV16FF302J03
.47 (11.9)
.52 (13.2)
.25 (6.4)
825
.66
1.6
3.3
6.2
6.2
6.2
Ratings and Dimensions
8942 4.001-4.038
3/31/2000 8:38 PM
Page 10



Html Pages

1 2 3 4 5