Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CR6002AB Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce CR6002AB
Description  Thyristors (SiBOD Breakover Devices)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CR6002AB Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  CR6002AB Datasheet HTML 1Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 2Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 3Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 4Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 5Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 6Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 7Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 8Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Selecting a SiBOD Device
1. When selecting a device, it is important
that the VRM of the device be equal to or
greater than the operating voltage of the
system. For example, when protecting
the ringing circuit of a telephone handset,
SiBOD VRM > VDC + RINGING VOLTAGE
SiBOD VRM > VDC + V
√2XRINGINGVOLTAGE
2. The minimum holding current (IH) of the
device must be carefully selected if the
SiBOD is to reset after diverting a surge.
The minimum IH value of the SiBOD must
be greater than the current the system is
capable of delivering, otherwise the
device will remain conducting following
a transient condition.
To Order: 1-877-502-5500 Fax: 1-858-715-7280
3
Thyristors (SiBOD ™ Breakover Devices)
SiBOD
Series
Application Notes
VOLTAGE
VOLTS
800
1500
1000
1500
600
1000
1000
2500
1000
1500
1000
1500
4000
1500
1000
2000
2000
Level 3
Level 4
2000
WAVEFORM
µSEC
10x560
10x160
9x720
9x720
10x1000
10x360
10x1000
2x10
10x360
10x700
10x700
10x700
10x700
.5x700
.5x700
10x700
1.2x50
10x700
1.2x50
10x700
CURRENT
AMPS
100
200
25
37.5
100
100
100
500
25
37.5
25/100
37.5
100
38
25
50
50
50
100
50
WAVEFORM
µSEC
10x560
10x160
5x320
5x320
10x1000
10x360
10x1000
2x10
10x360
5x310
5x310
5x310
5x310
.2x310
.8x310
5x310
1x20
5x310
8x20
5x310
IH>
SYSTEM VOLTAGE
SOURCE IMPEDANCE
The SiBOD range can be used to protect against surges
as defined in the following International Standards
Standard
FCC Part 68
Surge A Metallic
Surge A Longitudinal
Surge B Metallic
Surge B Longitudinal
Bellcore GR 1089
1
2
3
4
5
ITU K.17
ITU K.20
ITU K.21
RLM 88, CNET
CNET 131-24
VDE 0433
VDE 0878
IEC 61000-4-5
FTZ R12
SIBOD
SERIES
B or C
C
A, B or C
A, B or C
C
B or C
C
C
A, B or C
A, B or C
A, B or C
A, B or C
B or C
A, B or C
A, B or C
A, B or C
A, B or C
A, B or C
A, B or C
A, B or C



Html Pages

1 2 3 4 5 6 7 8 9