Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PR02 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce PR02
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Fiches technique(HTML) 3 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 28729
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
3
PR01/02/03
Power Metal Film Resistors
Vishay BCcomponents
DIMENSIONS
∅D
L1
L2
∅d
Type with straight leads.
DIMENSIONS - straight lead type and relevant physical dimensions; see straight leads outline
TYPE
∅
∅
∅
∅D
MAX.
(mm)
L1
MAX.
(mm)
L2
MAX.
(mm)
∅
∅
∅
∅d
(mm)
Cu
FeCu
PR01
2.5
6.5
8.5
0.58 ± 0.05
−
PR02
3.9
10.0
12.0
0.78 ± 0.05
0.58 ± 0.05
PR03
5.2
16.7
19.5
0.78 ± 0.05
0.58 ± 0.05
∅D
P1 ±0.5
P2 ±3
S
∅B
±0.07
∅d
b1
4.5 +
1
0
b2
8 + 2
L1
L2
P1 ±0.5
Type with double kink.
Dimensions in millimeters.
DIMENSIONS - double kink lead type and relevant physical dimensions; see double kinked outline
TYPE
LEAD STYLE
∅
∅
∅
∅d
(mm)
b1
(mm)
b2
(mm)
∅
∅
∅
∅D
MAX.
(mm)
P1
(mm)
P2
(mm)
S
MAX.
(mm)
∅
∅
∅
∅B
(mm)
Cu
FeCu
PR01
double kink
large pitch
0.58 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/−0.20
1.45
+ 0.25/−0.20
2.5
17.8
17.8
2
0.8
double kink
small pitch
−
0.58 ± 0.05
1.10
+ 0.25/−0.20
1.45
+ 0.25/−0.20
12.5
12.5
2
0.8
PR02
double kink
large pitch
0.78 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/−0.20
1.45
+ 0.25/−0.20
3.9
17.8
17.8
2
0.8
double kink
small pitch
−
0.78 ± 0.05
1.30
+ 0.25/−0.20
1.65
+ 0.25/−0.20
17.8
17.8
2
1.0
PR03
double kink
large pitch
0.78 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/−0.20
1.65
+ 0.25/−0.20
5.2
25.4
25.4
2
1.0
double kink
small pitch
−
0.78 ± 0.05
1.30
+ 0.25/−0.20
2.15
+ 0.25/−0.20
22.0
20.0
2
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14