| Moteur de recherche de fiches techniques de composants électroniques |
|
PR01 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PR01 Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 14 page ![]() Document Number: 28729 For technical questions contact: ff3dresistors@vishay.com www.vishay.com Revision: 24-Feb-04 3 PR01/02/03 Power Metal Film Resistors Vishay BCcomponents DIMENSIONS ∅D L1 L2 ∅d Type with straight leads. DIMENSIONS - straight lead type and relevant physical dimensions; see straight leads outline TYPE ∅ ∅ ∅ ∅D MAX. (mm) L1 MAX. (mm) L2 MAX. (mm) ∅ ∅ ∅ ∅d (mm) Cu FeCu PR01 2.5 6.5 8.5 0.58 ± 0.05 − PR02 3.9 10.0 12.0 0.78 ± 0.05 0.58 ± 0.05 PR03 5.2 16.7 19.5 0.78 ± 0.05 0.58 ± 0.05 ∅D P1 ±0.5 P2 ±3 S ∅B ±0.07 ∅d b1 4.5 + 1 0 b2 8 + 2 L1 L2 P1 ±0.5 Type with double kink. Dimensions in millimeters. DIMENSIONS - double kink lead type and relevant physical dimensions; see double kinked outline TYPE LEAD STYLE ∅ ∅ ∅ ∅d (mm) b1 (mm) b2 (mm) ∅ ∅ ∅ ∅D MAX. (mm) P1 (mm) P2 (mm) S MAX. (mm) ∅ ∅ ∅ ∅B (mm) Cu FeCu PR01 double kink large pitch 0.58 ± 0.05 0.58 ± 0.05 1.10 + 0.25/−0.20 1.45 + 0.25/−0.20 2.5 17.8 17.8 2 0.8 double kink small pitch − 0.58 ± 0.05 1.10 + 0.25/−0.20 1.45 + 0.25/−0.20 12.5 12.5 2 0.8 PR02 double kink large pitch 0.78 ± 0.05 0.58 ± 0.05 1.10 + 0.25/−0.20 1.45 + 0.25/−0.20 3.9 17.8 17.8 2 0.8 double kink small pitch − 0.78 ± 0.05 1.30 + 0.25/−0.20 1.65 + 0.25/−0.20 17.8 17.8 2 1.0 PR03 double kink large pitch 0.78 ± 0.05 0.58 ± 0.05 1.10 + 0.25/−0.20 1.65 + 0.25/−0.20 5.2 25.4 25.4 2 1.0 double kink small pitch − 0.78 ± 0.05 1.30 + 0.25/−0.20 2.15 + 0.25/−0.20 22.0 20.0 2 1.0 |