Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALS38AD Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74ALS38AD
Description  Quad 2-Input NAND buffer open collector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS38AD Fiches technique(HTML) 6 Page - NXP Semiconductors

  74ALS38AD Datasheet HTML 1Page - NXP Semiconductors 74ALS38AD Datasheet HTML 2Page - NXP Semiconductors 74ALS38AD Datasheet HTML 3Page - NXP Semiconductors 74ALS38AD Datasheet HTML 4Page - NXP Semiconductors 74ALS38AD Datasheet HTML 5Page - NXP Semiconductors 74ALS38AD Datasheet HTML 6Page - NXP Semiconductors 74ALS38AD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74ALS38A
Quad 2-input NAND buffer (open collector)
1991 Feb 08
6
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1



Html Pages

1 2 3 4 5 6 7