| Moteur de recherche de fiches techniques de composants électroniques |
|
B0303S/D-2WR2 Fiches technique(PDF) 1 Page - Guangzhou Reicu Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
B0303S/D-2WR2 Fiches technique(HTML) 1 Page - Guangzhou Reicu Electronic Technology Co., Ltd |
|
|
1 / 1 page ![]() DC/DC CONVERTER External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 81% 1.6kVDC Isolation Wide temperature performance 1 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Model Selection Guide Order Code B0303S/D-1W(R2) B0305S/D-1W(R2) B0505S/D-1W(R2) B0509S/D-1W(R2) B0512S/D-1W(R2) B0515S/D-1W(R2) B1205S/D-1W(R2) B1212S/D-1W(R2) B2405S/D-1W(R2) B2412S/D-1W(R2) B2424S/D-1W(R2) B0524S/D-1W(R2) B1209S/D-1W(R2) B1215S/D-1W(R2) B1224S/D-1W(R2) B2409S/D-1W(R2) B2415S/D-1W(R2) 72 74 70 77 78 71 72 79 79 79 81 78 Efficiency(%) (Typ) 78 80 80 78 79 Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 24 21.6-26.4 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 24 5 12 5 200 12 111 67 42 83 200 111 67 42 83 200 111 67 42 12 15 9 5 24 15 9 24 15 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery B****S/D-1W(R2) Series 1600VDC Isolated 1W Single Output SIP/DIP-Package DC/DC CONVERTER External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 80% 1.6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Model Selection Guide Order Code B0303LS/LD-1W(R2) B0305LS/LD-1W(R2) B0505LS/LD-1W(R2) B0509LS/LD-1W(R2) B0512LS/LD-1W(R2) B0515LS/LD-1W(R2) B1205LS/LD-1W(R2) B1212LS/LD-1W(R2) B2405LS/LD-1W(R2) B2412LS/LD-1W(R2) B2424LS/LD-1W(R2) B0524LS/LD-1W(R2) B1209LS/LD-1W(R2) B1215LS/LD-1W(R2) B1224LS/LD-1W(R2) B2409LS/LD-1W(R2) B2415LS/LD-1W(R2) 72 74 70 77 78 71 72 79 79 79 81 78 Efficiency(%) (Typ) 78 80 80 78 79 Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 24 21.6-26.4 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 24 5 12 5 200 12 111 67 42 83 200 111 67 42 83 200 111 67 42 12 15 9 5 24 15 9 24 15 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery B****LS/LD-1W(R2) Series 1600VDC Isolated 1W Single Output SIP/DIP-Package DC/DC CONVERTER Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Mechanical Dimension & Pin Connections 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 Features RoHS compliant Efficiency up to 78% 1.6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Double output Industry standard required Note Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 A****S/D-1W(R2) Series 1600VDC Isolated 1W Double Output SIP/DIP-Package DC/DC CONVERTER Features RoHS compliant Efficiency up to 80% 1.6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Double isolated output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ D******(N)S-1W Series 1600VDC Isolated 1W Double Output SIP-Package +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo1 DC/DC Converter Cout Load Cin Cout Load -Vo1 +Vo2 -Vo2 Mechanical Dimension & Pin Connections DC/DC CONVERTER Features RoHS compliant Efficiency up to 83% 1.6kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Double output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Add -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery A****S/D-2W(R2) Series 1600VDC Isolated 2W Double Output SIP/DIP-Package DC/DC CONVERTER Features RoHS compliant Efficiency up to 83% 1.6kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Double isolated output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 Add -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 D******S-2W Series 1600VDC Isolated 2W Double Output SIP-Package External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo1 DC/DC Converter Cout Load Cin Cout Load -Vo1 +Vo2 -Vo2 Mechanical Dimension & Pin Connections Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery Model Selection Guide Order Code A0505S/D-1W(R2) A0509S/D-1W(R2) A0512S/D-1W(R2) A0515S/D-1W(R2) A1205S/D-1W(R2) A1212S/D-1W(R2) A2405S/D-1W(R2) A2412S/D-1W(R2) A2424S/D-1W(R2) A0524S/D-1W(R2) A1209S/D-1W(R2) A1215S/D-1W(R2) A1224S/D-1W(R2) A2409S/D-1W(R2) A2415S/D-1W(R2) Efficiency(%) (Typ) 72 76 79 79 78 72 78 79 78 78 73 78 78 79 78 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 +5 +100 +56 +42 +33 +21 +100 +56 +42 +33 +21 +100 +56 +42 +33 +21 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 Model Selection Guide Order Code A0505S/D-2W(R2) A0509S/D-2W(R2) A0512S/D-2W(R2) A0515S/D-2W(R2) A1205S/D-2W(R2) A1212S/D-2W(R2) A2405S/D-2W(R2) A2412S/D-2W(R2) A2424S/D-2W(R2) A0524S/D-2W(R2) A1209S/D-2W(R2) A1215S/D-2W(R2) A1224S/D-2W(R2) A2409S/D-2W(R2) A2415S/D-2W(R2) Efficiency(%) (Typ) 82 84 85 82 84 81 84 85 82 84 80 84 83 83 84 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 +200 +111 +83 +67 +42 +200 +111 +83 +67 +42 +200 +111 +83 +67 +42 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Model Selection Guide Order Code D050505S-1W D050909S-1W D051212S-1W D051515S-1W D120505S-1W D121212S-1W D240505S-1W D241212S-1W D242424S-1W D052424S-1W D120909S-1W D121515S-1W D122424S-1W D240909S-1W D241515S-1W Efficiency(%) (Typ) 70 75 77 77 76 72 77 78 80 78 70 74 76 76 75 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 9/9 24/24 5/5 100/100 12/12 15/15 56/56 42/42 33/33 21/21 100/100 56/56 42/42 33/33 21/21 100/100 56/56 42/42 33/33 21/21 9/9 24/24 5/5 12/12 15/15 9/9 24/24 5/5 12/12 15/15 Model Selection Guide Order Code D050505S-2W D050909S-2W D051212S-2W D051515S-2W D120505S-2W D121212S-2W D240505S-2W D241212S-2W D242424S-2W D052424S-2W D120909S-2W D121515S-2W D122424S-2W D240909S-2W D241515S-2W Efficiency(%) (Typ) 80 82 82 82 80 80 82 83 83 82 80 82 83 84 83 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 9/9 24/24 5/5 200/200 12/12 15/15 111/111 83/83 67/67 42/42 9/9 24/24 5/5 12/12 15/15 9/9 24/24 5/5 12/12 15/15 DC/DC CONVERTER B****M-1W Series External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 80% 1.6kVDC Isolation Single output Wide temperature performance l 1 Watt load,-40℃ to 85℃ 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1600 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ B****M-1W Series 1600VDC Isolated 1W Single Output SIP-Package Mechanical Dimension & Pin Connections Mechanical Dimension & Pin Connections DC/DC CONVERTER B****M-2W Series External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 82% 1.6kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 B****M-2W Series 1000VDC Isolated 2W Single Output DIP-Package Mechanical Dimension & Pin Connections Model Selection Guide Order Code B0505M-2W B0509M-2W B0512M-2W B0515M-2W B1205M-2W B1212M-2W B2405M-2W B2412M-2W B2424M-2W B0524M-2W B1209M-2W B1215M-2W B1224M-2W B2409M-2W B2415M-2W Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 9 24 5 12 5 12 12 15 9 5 24 15 9 24 15 167 400 222 133 83 167 400 222 133 83 167 400 222 133 83 Efficiency(%) (Typ) 78 78 78 79 77 78 80 81 82 78 80 82 83 83 80 DC/DC CONVERTER External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 80% 3kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Model Selection Guide Order Code F0303S/D-1W(R2) F0305S/D-1W(R2) F0505S/D-1W(R2) F0509S/D-1W(R2) F0512S/D-1W(R2) F0515S/D-1W(R2) F1205S/D-1W(R2) F1212S/D-1W(R2) F2405S/D-1W(R2) F2412S/D-1W(R2) F2424S/D-1W(R2) F0524S/D-1W(R2) F1209S/D-1W(R2) F1215S/D-1W(R2) F1224S/D-1W(R2) F2409S/D-1W(R2) F2415S/D-1W(R2) 72 74 72 77 76 71 72 78 81 78 78 77 Efficiency(%) (Typ) 78 80 80 76 80 Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 24 21.6-26.4 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 24 5 12 5 200 12 111 67 42 83 200 111 67 42 83 200 111 67 42 12 15 9 5 24 15 9 24 15 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery F****S/D-1W(R2) Series 3000VDC Isolated 1W Single Output SIP/DIP-Package -40 +85 -55 +125 ℃ 3000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Mechanical Dimension & Pin Connections Mechanical Dimension & Pin Connections Mechanical Dimension & Pin Connections DC/DC CONVERTER External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 83% 3kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery F****S/D-2W(R2) Series 3000VDC Isolated 2W Single Output SIP/DIP-Package -40 +85 -55 +125 ℃ 3000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Mechanical Dimension & Pin Connections Model Selection Guide Order Code F0505S/D-2W(R2) F0509S/D-2W(R2) F0512S/D-2W(R2) F0515S/D-2W(R2) F1205S/D-2W(R2) F1212S/D-2W(R2) F2405S/D-2W(R2) F2412S/D-2W(R2) F2424S/D-2W(R2) F0524S/D-2W(R2) F1209S/D-2W(R2) F1215S/D-2W(R2) F1224S/D-2W(R2) F2409S/D-2W(R2) F2415S/D-2W(R2) Efficiency(%) (Typ) 82 82 81 80 80 82 85 83 83 82 82 83 83 81 83 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 9 24 5 12 5 12 12 15 9 5 24 15 9 24 15 167 400 222 133 83 167 400 222 133 83 167 400 222 133 83 DC/DC CONVERTER Features RoHS compliant Efficiency up to 81% 3kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Double output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 E****S/D-1W(R2) Series 3000VDC Isolated 1W Double Output SIP/DIP-Package -40 +85 -55 +125 ℃ 3000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % Input Characteristics Min Typ Max Units Parameter Condition 6.5 15 Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. Short circuit Protection Continuous,Automatic Recovery Model Selection Guide Order Code E0505S/D-1W(R2) E0509S/D-1W(R2) E0512S/D-1W(R2) E0515S/D-1W(R2) E1205S/D-1W(R2) E1212S/D-1W(R2) E2405S/D-1W(R2) E2412S/D-1W(R2) E2424S/D-1W(R2) E0524S/D-1W(R2) E1209S/D-1W(R2) E1215S/D-1W(R2) E1224S/D-1W(R2) E2409S/D-1W(R2) E2415S/D-1W(R2) Efficiency(%) (Typ) 72 77 76 73 73 79 82 78 78 77 80 80 81 76 80 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 +5 +100 +56 +42 +33 +21 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 +100 +56 +42 +33 +21 +100 +56 +42 +33 +21 External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM Mechanical Dimension & Pin Connections DC/DC CONVERTER Features RoHS compliant Efficiency up to 84% 3kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Double output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 -40 +85 -55 +125 ℃ 3000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery E****S/D-2W(R2) Series 3000VDC Isolated 2W Double Output SIP/DIP-Package External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM Model Selection Guide Order Code E0505S/D-2W(R2) E0509S/D-2W(R2) E0512S/D-2W(R2) E0515S/D-2W(R2) E1205S/D-2W(R2) E1212S/D-2W(R2) E2405S/D-2W(R2) E2412S/D-2W(R2) E2424S/D-2W(R2) E0524S/D-2W(R2) E1209S/D-2W(R2) E1215S/D-2W(R2) E1224S/D-2W(R2) E2409S/D-2W(R2) E2415S/D-2W(R2) Efficiency(%) (Typ) 82 82 84 84 83 80 81 85 82 84 80 82 84 84 85 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 +200 +111 +83 +67 +42 +200 +111 +83 +67 +42 +200 +111 +83 +67 +42 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 Mechanical Dimension & Pin Connections DC/DC CONVERTER H****S-1W Series Features RoHS compliant Efficiency up to 77% 6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Single output Internal SMD Construction 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 H****S-1W Series 6000VDC Isolated 1W Single Output SIP-Package -40 +85 -55 +125 ℃ 6000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery Model Selection Guide Order Code H0505S-1W H0509S-1W H0512S-1W H0515S-1W H1205S-1W H1212S-1W H2405S-1W H2412S-1W H2424S-1W H1209S-1W H1215S-1W H1224S-1W H2409S-1W H2415S-1W Efficiency(%) (Typ) 71 72 73 74 71 72 72 73 77 73 73 75 73 75 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 4.5-5.5 12 10.8-13.2 24 21.6-26.4 9 83 24 5 200 111 67 42 12 15 9 5 12 15 200 83 111 67 24 9 5 12 15 42 200 83 111 67 External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Mechanical Dimension & Pin Connections DC/DC CONVERTER H****S-2W Series 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery H****S-2W Series 6000VDC Isolated 2W Single Output SIP-Package -40 +85 -55 +125 ℃ 6000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Mechanical Dimension & Pin Connections Model Selection Guide Order Code Nominal Range Vin(V) Vo(V) Io(mA) Output Max capacitive Load Efficiency(%) (Typ) H0505S-2W H0509S-2W H0512S-2W H0515S-2W 5 4.5-5.5 73 76 77 77 9 5 12 15 167 400 222 133 Features RoHS compliant Efficiency up to 81% 6kVDC Isolation Wide temperature performance at full 2Watt load,-40℃ to 85℃ Single output Internal SMD Construction SIP Package DC/DC CONVERTER G****S-1W Series Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Mechanical Dimension & Pin Connections 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice -40 +85 -55 +125 ℃ 6000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 Features RoHS compliant Efficiency up to 75% 6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Double output Internal SMD Construction Note Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery G****S-1W Series 6000VDC Isolated 1W Double Output SIP-Package DC/DC CONVERTER G****S-2W Series 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery G****S-2W Series 6000VDC Isolated 2W Double Output SIP-Package -40 +85 -55 +125 ℃ 6000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Features RoHS compliant Efficiency up to 81% 6kVDC Isolation Wide temperature performance at full 2Watt load,-40℃ to 85℃ 3 Double output Internal SMD Construction SIP Package Model Selection Guide Order Code G0505S-1W G0509S-1W G0512S-1W G0515S-1W G1205S-1W G1212S-1W G2405S-1W G2412S-1W G2424S-1W G1209S-1W G1215S-1W G1224S-1W G2409S-1W G2415S-1W Efficiency(%) (Typ) 71 72 73 74 71 72 72 73 77 73 75 77 72 73 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 4.5-5.5 12 10.8-13.2 24 21.6-26.4 +5 +100 +56 +42 +33 +21 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +33 +42 +56 +100 +21 +33 +42 +56 +100 Model Selection Guide Order Code Nominal Range Vin(V) Vo(V) Io(mA) Output Max capacitive Load Efficiency(%) (Typ) G0505S-2W G0509S-2W G0512S-2W G0515S-2W 5 4.5-5.5 73 76 77 77 75 G1205S-2W G1212S-2W G2405S-2W G2412S-2W G2424S-2W 12 10.8-13.2 24 21.6-26.4 78 G1209S-2W G1215S-2W G1224S-2W G2409S-2W G2415S-2W 75 80 82 80 79 81 78 80 +200 +111 +83 +67 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +200 +111 +83 +67 +42 +200 +111 +83 +67 +42 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM Mechanical Dimension & Pin Connections B****S/D-W5(R2) Series External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Mechanical Dimension & Pin Connections DC/DC CONVERTER Features RoHS compliant Efficiency up to 80% 1.6kVDC Isolation Wide temperature performance at full 0.5 Watt load,-40℃ to 85℃ 3 Single output Industry standard required Short circuit protection( Suffix“R2”,optional) Page 1 of 2 REV:3.1 www.reicu.com E-mail:service@reicu.com Model Selection Guide Order Code B0303S/D-W5(R2) B0305S/D-W5(R2) B0505S/D-W5(R2) B0509S/D-W5(R2) B0512S/D-W5(R2) B0515S/D-W5(R2) B1205S/D-W5(R2) B1212S/D-W5(R2) B2405S/D-W5(R2) B2412S/D-W5(R2) B2424S/D-W5(R2) B0524S/D-W5(R2) B1209S/D-W5(R2) B1215S/D-W5(R2) B1224S/D-W5(R2) B2409S/D-W5(R2) B2415S/D-W5(R2) 72 74 70 77 78 71 72 79 79 79 81 78 Efficiency(%) (Typ) 78 80 80 78 79 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery B****S/D-W5(R2) Series 1600VDC Isolated 0.5W Single Output SIP/DIP-Package Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 24 21.6-26.4 Output Vo(V) 3.3 5 9 24 5 12 5 12 12 15 9 5 24 15 9 24 15 Io(mA) 152 100 42 100 56 33 21 42 100 56 33 21 42 100 56 33 21 Max capacitive Load 100 100 100 100 100 47 47 68 68 68 68 47 47 68 68 47 47 Model Selection Guide Order Code B0303M-1W B0305M-1W B0505M-1W B0509M-1W B0512M-1W B0515M-1W B1205M-1W B1212M-1W B1209M-1W B1215M-1W 72 74 70 77 78 71 79 81 Efficiency(%) (Typ) 78 80 Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 5 200 12 111 67 83 200 111 67 12 15 9 5 15 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Max capacitive Load 220 220 220 150 100 100 220 150 100 100 Max capacitive Load 220 220 220 150 100 100 68 220 150 100 100 68 220 150 100 100 68 Max capacitive Load 220 220 220 150 100 100 68 220 150 100 100 68 220 150 100 100 68 Max capacitive Load 100 100 100 47 47 100 100 100 47 47 100 100 100 47 47 Max capacitive Load 100 100 100 47 47 100 100 100 47 47 100 100 100 47 47 Max capacitive Load 220 220 220 150 100 100 68 220 150 100 100 68 220 150 100 100 68 Max capacitive Load 100 100 100 47 47 100 100 100 47 47 100 100 100 47 47 Max capacitive Load 220 150 100 100 68 220 150 100 100 68 220 150 100 100 Max capacitive Load 100 100 100 47 100 100 100 47 47 100 100 100 47 47 Max capacitive Load 330 220 220 220 150 330 220 220 220 150 330 220 220 220 150 Max capacitive Load 330 220 220 220 150 330 220 220 220 150 330 220 220 220 150 330 220 220 220 75 H1205S-2W H1212S-2W H2405S-2W H2412S-2W H2424S-2W 12 10.8-13.2 24 21.6-26.4 78 H1209S-2W H1215S-2W H1224S-2W H2409S-2W H2415S-2W 75 80 82 80 79 81 78 80 24 9 5 12 15 24 9 5 12 15 83 167 400 222 133 83 167 400 222 133 330 220 220 220 150 330 220 220 220 150 150 150 100 100 150 150 100 100 68 150 150 100 100 68 Max capacitive Load 150 150 100 68 150 150 100 68 150 150 100 68 100 100 100 Max capacitive Load 150 150 100 68 150 150 100 68 150 150 100 68 100 100 100 Max capacitive Load 150 150 100 68 150 150 100 68 150 150 100 68 100 100 100 Short circuit protection( Suffix“R2”,optional) Short circuit protection( Suffix“R2”only SIP,optional) Short circuit protection( Suffix“R2”only SIP,optional) Low ripple & noise Short circuit protection( Suffix“R2”only SIP,optional) Short circuit protection( Suffix“R2”only SIP,optional) Small size Short circuit protection( Suffix“R2”only SIP,optional) Low ripple & noise Short circuit protection( Suffix“R2”only SIP,optional) Short circuit protection( Suffix“R2”only SIP,optional) DC/DC CONVERTER B****LM-1W Series External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 80% 1.6kVDC Isolation Single output Industry standard required Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 1 of 2 REV:3.1 -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ B****LM-1W Series 1600VDC Isolated 1W Single Output SIP-Package Mechanical Dimension & Pin Connections Model Selection Guide Order Code B0303LM-1W B0305LM-1W B0505LM-1W B0509LM-1W B0512LM-1W B0515LM-1W B1205LM-1W B1212LM-1W B2405LM-1W B2412LM-1W B2424LM-1W B0524LM-1W B1209LM-1W B1215LM-1W B1224LM-1W B2409LM-1W B2415LM-1W 72 74 70 77 78 71 72 79 79 79 81 78 Efficiency(%) (Typ) 78 80 80 78 79 Nominal Range Vin(V) 3.3 5 12 4.5-5.5 10.8-13.2 3.0-3.6 24 21.6-26.4 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 24 5 12 5 200 12 111 67 42 83 200 111 67 42 83 200 111 67 42 12 15 9 5 24 15 9 24 15 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Max capacitive Load 220 220 220 150 100 100 68 220 150 100 100 68 220 150 100 100 68 DC/DC CONVERTER A****M-1W Series Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Mechanical Dimension & Pin Connections 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice -40 +85 -55 +125 ℃ 1600 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 110 KHz ℃ Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. 24 0.47 Features RoHS compliant Efficiency up to 78% 1.6kVDC Isolation Wide temperature performance at full 1 Watt load,-40℃ to 85℃ 3 Double output Industry standard required Note Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 A****M-1W Series 1600VDC Isolated 1W Double Output SIP-Package +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 Short circuit Protection Continuous,Automatic Recovery Model Selection Guide Order Code A0505M-1W(R2) A0509M-1W(R2) A0512M-1W(R2) A0515M-1W(R2) A1205M-1W(R2) A1212M-1W(R2) A2405M-1W(R2) A2412M-1W(R2) A2424M-1W(R2) A0524M-1W(R2) A1209M-1W(R2) A1215M-1W(R2) A1224M-1W(R2) A2409M-1W(R2) A2415M-1W(R2) Efficiency(%) (Typ) 72 76 79 79 78 72 78 79 78 78 73 78 78 79 78 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 12 4.5-5.5 10.8-13.2 24 21.6-26.4 +5 +100 +56 +42 +33 +21 +100 +56 +42 +33 +21 +100 +56 +42 +33 +21 +9 +12 +15 +24 +5 +9 +12 +15 +24 +5 +9 +12 +15 +24 Max capacitive Load 100 100 100 47 47 100 100 100 47 47 100 100 100 47 47 Short circuit protection( Suffix“R2”,optional) B S-W5 **** B D-W5 **** Note: Unit:mm(inch) 1 2 3 4 GND Vin -Vo +Vo Pin Function 1 4 5 7 GND Vin -Vo +Vo Pin Function 1 2 3 4 Silk-screen 1.99 (0.078) 7.62 (0.30) 6.00 (0.236) 0.90 (0.035) 9.50 (0.374) 11.60(0.457) 4.10 (0.161) 0.50 (0.020) 0.30 (0.012) 0.50 (0.020) 1 4 5 7 12.70(0.500) 4.10 (0.161) 7.7 (0.303) 0.50(0.020) 7.62 (0.300) 7.62(0.300) 10.00 (0.394) 5.08(0.200) Silk-screen (Bottom View) (Bottom View) Note: Unit:mm(inch) 1 2 3 4 GND Vin -Vo +Vo Pin Function 1 2 3 4 Silk-screen 1.99 (0.078) 7.62 (0.30) 6.00 (0.236) 0.90 (0.035) 7.00 (0.276) 11.60 (0.457) 4.10 (0.161) 0.50 (0.020) 0.30 (0.012) 0.50 (0.020) (Bottom View) B S-1W **** B D-1W **** Note: Unit:mm(inch) 1 2 3 4 GND Vin -Vo +Vo Pin Function 1 4 5 7 GND Vin -Vo +Vo Pin Function 1 2 3 4 Silk-screen 1.99 (0.078) 7.62 (0.30) 6.00 (0.236) 0.90 (0.035) 9.50 (0.374) 11.60(0.457) 4.10 (0.161) 0.50 (0.020) 0.30 (0.012) 0.50 (0.020) 1 4 5 7 12.70(0.500) 4.10 (0.161) 7.7 (0.303) 0.50(0.020) 7.62 (0.300) 7.62(0.300) 10.00 (0.394) 5.08(0.200) Silk-screen (Bottom View) (Bottom View) Note: Unit:mm(inch) B LS-1W **** B LD-1W **** 15.24(0.60) 1 7 14 9 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 7.00 (0.276) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 4 6 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 4 GND Vin -Vo Pin Function 6 +Vo 1 7 8 9 GND -Vo Pin Function 14 +Vo Vin NC (Bottom View) (Bottom View) A S-1W **** 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 4 5 6 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 4 5 Pin 6 Function GND Vin -Vo COM +Vo A D-1W **** 15.24(0.60) 1 7 14 11 9 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 7.00 (0.276) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 1 7 8 9 Pin 11 14 Function GND -Vo COM +Vo NC Vin Note: Unit:mm(inch) (Bottom View) (Bottom View) F S-1W **** F D-1W **** Note: Unit:mm(inch) 15.24(0.60) 1 7 14 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 7.00 (0.276) 4.10(0.161) Silk-screen 5.08(0.200) 0.30 (0.012) 0.50(0.020) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 5 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 5 GND Vin -Vo Pin Function 7 +Vo 7 1 10 7 8 GND -Vo Pin Function 14 +Vo Vin NC 10 (Bottom View) (Bottom View) 19.60(0.772) 12.00 (0.472) 4.10 (1.614) 0.50 (0.020) 2.54 (0.100) 9.80 (0.386) 3.20 (0.126) 2.18 (0.086) Silk-screen 1 2 5 7 0.50 (0.020) 0.30 (0.012) Note: Unit:mm(inch) 1 2 5 GND Vin -Vo Pin Function 7 +Vo (Bottom View) 19.60(0.772) 12.00 (0.472) 4.10 (1.614) 0.50 (0.020) 2.54 (0.100) 9.80 (0.386) 3.20 (0.126) 2.18 (0.086) Silk-screen 1 2 5 7 0.50 (0.020) 0.30 (0.012) 6 Note: Unit:mm(inch) 1 2 5 GND Vin -Vo Pin Function 7 +Vo 6 COM (Bottom View) 19.60(0.772) 12.00 (0.472) 4.10 (1.614) 0.50 (0.020) 2.54 (0.100) 9.80 (0.386) 2.80 (0.110) 2.18 (0.086) Silk-screen 1 2 5 7 0.50 (0.020) 0.30 (0.012) 6 Note: Unit:mm(inch) 1 2 5 GND Vin -Vo Pin Function 6 COM 7 +Vo (Bottom View) 19.60(0.772) 12.00 (0.472) 4.10 (1.614) 0.50 (0.020) 2.54 (0.100) 9.80 (0.386) 2.80 (0.110) 2.18 (0.086) Silk-screen 1 2 5 7 0.50 (0.020) 0.30 (0.012) Note: Unit:mm(inch) 1 2 5 GND Vin -Vo Pin Function 7 +Vo (Bottom View) E S-2W **** E D-2W **** Note: Unit:mm(inch) 7.00 (0.276) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 5 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 5 GND Vin -Vo Pin Function 7 +Vo 7 1 10 7 8 GND -Vo Pin Function 14 +Vo Vin NC 6 15.24(0.60) 1 7 14 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 8.20 (0.323) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 10 9 9 COM (Bottom View) (Bottom View) F S-2W **** F D-2W **** Note: Unit:mm(inch) 15.24(0.60) 1 7 14 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 8.20 (0.323) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 7.00 (0.276) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 5 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 5 GND Vin -Vo Pin Function 7 +Vo 7 1 10 7 8 GND -Vo Pin Function 14 +Vo Vin NC 10 (Bottom View) (Bottom View) 19.60(0.772) 9.50 (0.374) 0.50(0.020) 4.10 (0.161) 7.00 (0.276) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) Silk-screen 1 2 4 5 6 7 0.30 (0.012) 0.50(0.020) 1 2 4 5 Pin 6 7 Function GND Vin -Vo1 +Vo1 -Vo2 +Vo2 Note: Unit:mm(inch) (Bottom View) A S-2W **** 7.00 (0.276) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 4 5 6 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 1 2 4 5 Pin 6 Function GND Vin -Vo COM +Vo A D-2W **** 15.24(0.60) 1 7 14 11 9 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 8.20 (0.323) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 1 7 8 9 Pin 11 14 Function GND -Vo COM +Vo NC Vin Note: Unit:mm(inch) (Bottom View) (Bottom View) Note: Unit:mm(inch) 1 2 3 4 GND Vin -Vo +Vo Pin Function 1 2 3 4 Silk-screen 1.99 (0.078) 7.62 (0.30) 7.50 (0.295) 0.90 (0.035) 9.50 (0.374) 11.60 (0.457) 4.10 (0.161) 0.50 (0.020) 0.30 (0.012) 0.50 (0.020) (Bottom View) E S-1W **** E D-1W **** Note: Unit:mm(inch) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) 19.60(0.772) 9.50 (0.374) 0.50(0.020) Silk-screen 1 2 5 0.30 (0.012) 0.50(0.020) 4.10 (0.161) 7 1 10 7 8 GND -Vo Pin Function 14 +Vo Vin NC 6 15.24(0.60) 1 7 14 8 7.62 (0.30) 10.00 (0.394) 20.00(0.787) 7.00 (0.276) 4.10(0.161) Silk-screen 2.54(0.100) 0.30 (0.012) 0.50(0.020) 10 9 9 COM (Bottom View) (Bottom View) 1 2 5 GND Vin -Vo Pin Function 7 +Vo 6 COM 200/200 111/111 83/83 67/67 42/42 200/200 111/111 83/83 67/67 42/42 *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. Industry standard required B****S/D-1W(R2) Series B****LS/LD-1W(R2) Series A****S/D-1W(R2) Series D******(N)S-1W Series F****S/D-1W(R2) Series E****S/D-1W(R2) Series E****S/D-2W(R2) Series F****S/D-2W(R2) Series D******S-2W Series A****S/D-2W(R2) Series Note: Unit:mm(inch) 1 2 4 Pin 6 Function GND Vin -Vo +Vo 16.50(0.650) 9.50 (0.374) 0.50(0.020) 4.10 (0.161) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) (Bottom View) 1 2 4 6 0.30 (0.012) 0.50(0.020) Silk-screen Note: Unit:mm(inch) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) (Bottom View) 1 2 4 5 6 0.30 (0.012) 0.50(0.020) 1 2 4 5 Pin 6 Function GND Vin -Vo COM +Vo Silk-screen 16.50(0.650) 9.50 (0.374) 0.50(0.020) 4.10 (0.161) e R ICU e R ICU Suffix“R2” Suffix“R2” Suffix“R2” 19.60(0.772) 9.50 (0.374) 0.50(0.020) 4.10 (0.161) 6.00 (0.236) 0.90 (0.035) 2.18 (0.086) 2.54 (0.10) Silk-screen 1 2 4 5 6 7 0.30 (0.012) 0.50(0.020) 1 2 4 5 Pin 6 7 D_S GND Vin -Vo1 +Vo1 -Vo2 +Vo2 Note: Unit:mm(inch) (Bottom View) D_NS GND Vin -Vo1 +Vo1 -Vo2 +Vo2 Suffix“R2” Suffix“R2” Continuous short circuit Protection Continuous short circuit Protection DC/DC CONVERTER External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 10 4.7 2.2 1 Input/Output Ripple Reduction +Vin GND +Vo -Vo DC/DC Converter Reduce output ripple, it isrecommended to use capacitors at the input/output. Cout Load Cin 24 0.47 Features RoHS compliant Efficiency up to 80% 3kVDC Isolation Wide temperature performance 1 Watt load,-40℃ to 85℃ 3 Single output Industry standard required 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice Note Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Page 1 of 2 REV:3.1 Page 2 of 2 REV:3.1 Model Selection Guide Order Code F0303M/N-1W F0305M/N-1W F0505M/N-1W F0509M/N-1W F0512M/N-1W F0515M/N-1W 72 74 72 77 78 78 Efficiency(%) (Typ) Nominal Range Vin(V) 3.3 5 4.5-5.5 3.0-3.6 Vo(V) Io(mA) Output 3.3 303 5 200 9 83 5 200 111 67 12 15 F****M/N-1W Series 3000VDC Isolated 1W Single Output SIP/DIP-Package -40 +85 -55 +125 ℃ 3000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Mechanical Dimension & Pin Connections Max capacitive Load 220 220 220 150 100 100 F1205M/N-1W F1212M/N-1W F1209M/N-1W F1215M/N-1W 76 71 78 80 12 10.8-13.2 12 83 200 111 67 9 5 15 220 150 100 100 Small size Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 3.3V Input Models 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 -0.7 6 9 18 30 Input Filter Internal Capacitor All Models VDC *All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 75 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤100 +1.2 F M-1W **** F N-1W **** Note: Unit:mm(inch) 1 2 3 4 GND Vin -Vo +Vo Pin Function 1 4 5 7 GND Vin -Vo +Vo Pin Function 1 2 3 4 Silk-screen 1.99 (0.078) 7.62 (0.30) 6.00 (0.236) 0.90 (0.035) 7.00 (0.276) 11.60(0.457) 4.10 (0.161) 0.50 (0.020) 0.30 (0.012) 0.50 (0.020) 1 4 5 7 12.70(0.500) 4.10 (0.161) 7.7 (0.303) 0.50(0.020) 7.62 (0.300) 7.62(0.300) 10.00 (0.394) 5.08(0.200) Silk-screen (Bottom View) (Bottom View) Suffix“R2” Suffix“R2” Suffix“R2” Continuous short circuit Protection Continuous short circuit Protection www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com F****M/N-1W Series DC/DC CONVERTER GDM****S-2W Series Output load Current(%) +10% +5% +2.5% -2.5% -7.5% 10 25 50 75 100 NOM V Typical L oad Line Tolerance Envelopes Curve 0 20 40 60 80 100 -40 0 40 85 120 80 Safe Operating Area Ambient Temperature(℃) Temperature Derating Graph Curve Mechanical Dimension & Pin Connections 1 .To ensure this module can operate efficinetly and reliably,During operation,the minimum output load is not less than 10% of the full load. 2.Other input and output voltage may be available, please 3.Specifications subject to change without notice -40 +85 -55 +125 ℃ 6000 VDC MΩ 1000 3.5×10 6 Operating Temperature All output types Storage Cooling Free air convection 1mA≤1minute Isolation voltage Isolation resistance 500VDC MTBF Storage humidity % +95 K hours General Characteristics Min Typ Max Units Parameter Condition Switching Frequency 100 KHz ℃ Input/Output Ripple Reduction Reduce output ripple, it isrecommended to use capacitors at the input/output. External Capacitor Table Vin(VDC) Cin(uF) Vout(VDC) Cout(uF) 5 12 15 24 4.7 2.2 2.2 1 5 9 12 15 4.7 4.7 2.2 1 Features RoHS compliant Efficiency up to 79% 6kVDC Isolation Wide temperature performance at full 2 Watt load,-40℃ to 85℃ 3 Double output Internal SMD Construction Note Page 1 of 2 REV:15.2 Page 2 of 2 REV:15.2 Input Characteristics Min Typ Max Units Parameter Condition Input Surge Voltage (1 sec. Max.) 5V Input Models 12V Input Models 24V Input Models -0.7 -0.7 -0.7 9 18 30 Input Filter Internal Capacitor All Models VDC * All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted. 100 KHz Switching frequency Full load,nominal input Line regulation Vin change 1% +1.5 % Load regulation Ripple and noise 10%~100% load BW=DC to 20MHz 90 Vp-p m % 6.5 15 Output Characteristics Min Typ Max Units Parameter Condition ≤150 +1.2 Short circuit Protection Continuous,Automatic Recovery GDM****S-2W Series 6000VDC Isolated 2W Double Output DIP-Package Model Selection Guide Order Code GDM0505S-2W GDM0509S-2W GDM0512S-2W GDM0515S-2W GDM1205S-2W GDM1212S-2W GDM1209S-2W GDM1215S-2W Efficiency(%) (Typ) 74 76 76 75 72 72 79 79 Nominal Range Vin(V) Vo(V) Io(mA) Output 5 4.5-5.5 12 10.8-13.2 +5 +200 +111 +83 +67 +9 +12 +15 +5 +9 +12 +15 +Vin GND +Vo -Vo DC/DC Converter Cout Load Cin Cout Load COM Max capacitive Load 33 22 22 10 GDM2405S-2W GDM2412S-2W GDM2409S-2W GDM2415S-2W 75 78 78 79 24 21.6-26.4 +5 +9 +12 +15 e R ICU e R ICU Continuous short circuit Protection www.reicu.com E-mail:service@reicu.com www.reicu.com E-mail:service@reicu.com Silk-screen (Bottom View) 33.0(1.30) 14.50 (0.57) 2 1 8 9 10 11 12 13 14 15 16 17 23 24 10.20 (0.402) 16.50 (0.65) 0.55(0.022) 27.94(1.10) 5.00 (0.197) 0.3 (0.012) 17.0(0.67) Lateral View Lateral View 2.54(0.1) +200 +111 +83 +67 +200 +111 +83 +67 33 22 22 10 33 22 22 10 Note: Unit:mm(inch) 1 2 GND Vin -Vo Pin +Vo COM 8,17 10,15 12,13 Others NC Function H0524S-2W 79 24 83 150 e R ICU |
Numéro de pièce similaire - B0303S/D-2WR2 |
|
Description similaire - B0303S/D-2WR2 |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |