| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAF1080BCPZ Fiches technique(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAF1080BCPZ Fiches technique(HTML) 30 Page - Analog Devices |
|
30 / 36 page ![]() Data Sheet ADAF1080 APPLICATIONS INFORMATION analog.com Rev. 0 | 30 of 36 DIAGNOSTIC COIL DRIVER The diagnostic coil can be used to verify the sensitivity of the ADAF1080 by applying a known reference current between the DIAG+ and DIAG− pins and measuring the output with and without the reference current. Figure 55 shows a typical discreet circuit to generate the reference current using the VDIAG reference voltage and an RDIAG reference resistor. Figure 55. Diagnostic Coil Driver Example When using multiple ADAF1080 sensors, a single diagnostic coil driver circuit can be used to drive all the diagnostic coils in series by connecting the DIAG+ and DIAG− pins of the sensors in a daisy-chain fashion. Figure 56 shows an example of daisy chaining multiple ADAF1080 devices together using a common diagnostic coil driver. Figure 56. Multiple Sensors with the Diagnostic Coil Connected in a Daisy Chain |