Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

102SHT100JS6LE Fiches technique(PDF) 27 Page - Exxelia Group

No de pièce 102SHT100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXXELIA [Exxelia Group]
Site Internet  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS6LE Fiches technique(HTML) 27 Page - Exxelia Group

Back Button 102SHT100JS6LE Datasheet HTML 23Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 24Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 25Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 28Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 29Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 30Page - Exxelia Group 102SHT100JS6LE Datasheet HTML 31Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CERAMIC CAPACITORS
9
info@exxelia.com
www.exxelia.com
Page revised 06/20
General characteristics
Ceramic Capacitors Technology
MANUFACTURING STEPS
SLIP CASTING
ELECTRODE SCREEN PRINTING
STACKING
A slurry, a mix of ceramic powder, binder and
solvents, is poured onto conveyor belt inside a
drying oven, resulting in a dry ceramic sheet.
The electrode ink, made from a metal powder mixed
with solvents, is printed onto the ceramic sheets
using a screen printing process.
The sheets with electrode printed are
stacked to create a multilayer structure.
TERMINATIONS
SINTERING
PRESSING
Each terminal of the capacitor is dipped in the
termination ink, mix of metal powder, solvents
and glass frit and the parts are fired in an oven.
The parts are sintered in an oven with a precise
temperature profile which is very important to the
characteristics of the capacitors.
Pressure is applied to the stack to fuse all the
separate layers, this created a monolithic
structure.
TERMINATIONS PLATING
FINAL TESTING
PACKAGING
Stacking + leads soldering + encapsulation
(see pages 10-11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34